Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G14FS3 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 74LVC1G14FS3
Description  SINGLE SCHMITT-TRIGGER INVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G14FS3 Datasheet(HTML) 5 Page - Diodes Incorporated

  74LVC1G14FS3 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
74LVC1G14
Document number: DS35123 Rev. 4 - 2
5 of 16
www.diodes.com
March 2014
© Diodes Incorporated
74LVC1G14
Electrical Characteristics T
A = -40°C to +125°C
(All typical values are at VCC = 3.3V, TA = +25°C)
Symbol
Parameter
Test Conditions
VCC
Min
Typ.
Max
Unit
VT+
Positive- Going Input
Threshold Voltage
—
1.65V
0.70
—
1.20
—
—
2.3V
1.11
—
1.60
—
—
3V
1.50
—
2.00
—
—
4.5V
2.16
—
2.74
—
—
5.5V
2.61
—
3.33
—
VT-
Negative- Going Input
Threshold Voltage
—
1.65V
0.30
—
0.75
—
—
2.3V
0.58
—
1.03
—
—
3V
0.80
—
1.33
—
—
4.5V
1.21
—
1.95
—
—
5.5V
1.45
—
2.35
—
∆VT
Hysteresis
(VT+ - VT-)
—
1.65V
0.30
—
0.62
—
—
2.3V
0.37
—
0.80
—
—
3V
0.32
—
1.00
—
—
4.5V
0.50
—
1.20
—
—
5.5V
0.55
—
1.40
—
VOH
High Level Output Voltage
IOH = -100μA
1.65V to 5.5V
VCC – 0.1
—
—
V
IOH = -4mA
1.65V
0.95
—
—
IOH = -8mA
2.3V
1.7
—
—
IOH = -12mA
2.7V
1.9
—
—
IOH = -16mA
3V
1.9
—
—
IOH = -24mA
2.0
—
—
IOH = -32mA
4.5V
3.4
—
—
VOL
Low-Level Output Voltage
IOL = 100μA
1.65V to 5.5V
—
—
0.1
V
IOL = 4mA
1.65V
—
—
0.7
IOL = 8mA
2.3V
—
—
0.45
IOL = 12mA
2.7V
—
—
0.6
IOL = 16mA
3V
—
—
0.6
IOL = 24mA
—
—
0.8
IOL = 32mA
4.5V
—
—
0.8
II
Input Current
VI = 5.5V or GND
0 to 5.5V
—
—
± 100
μA
IOFF
Power Down Leakage Current VI or VO = 5.5V
0
—
—
± 200
μA
ICC
Supply Current
VI = 5.5V of GND
IO = 0
1.65V to 5.5V
—
—
200
μA
∆ICC
Additional Supply Current
Input at VCC –0.6V
3V to 5.5V
—
—
5000
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com