Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G14FS3 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # 74LVC1G14FS3
Description  SINGLE SCHMITT-TRIGGER INVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G14FS3 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button 74LVC1G14FS3 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 9Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
74LVC1G14
Document number: DS35123 Rev. 4 - 2
6 of 16
www.diodes.com
March 2014
© Diodes Incorporated
74LVC1G14
Package Characteristics (All typical values are at VCC = 3.3V, TA = +25°C)
Symbol
Parameter
Test Conditions
VCC
Min
Typ.
Max
Unit
θJA
Thermal Resistance
Junction-to-Ambient
SOT25
(Note 9)
—
204
—
°C/W
SOT353
—
371
—
SOT553
—
231
—
X2-DFN0808-4
—
400
—
X1-DFN1010-6
—
435
—
X2-DFN1010-6
—
445
—
X2-DFN1409-6
—
470
—
X2-DFN1410-6
—
460
—
θJC
Thermal Resistance
Junction-to-Case
SOT25
(Note 9)
—
52
—
°C/W
SOT353
—
143
—
SOT553
—
105
—
X2-DFN0808-4
—
225
—
X1-DFN1010-6
—
250
—
X2-DFN1010-6
—
250
—
X2-DFN1409-6
—
275
—
X2-DFN1410-6
—
265
—
Note: 9. Test condition for each of the 8 package types: Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
Switching Characteristics
TA = -40°C to +85°C, CL = 15pF as noted (see Figure 1)
Parameter
From
Input
To
Output
VCC = 1.8V
± 0.15V
VCC = 2.5V
± 0.2V
VCC = 3.3V
± 0.3V
VCC = 5V
± 0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tpd
A
Y
1.0
9.9
0.7
5.5
0.7
4.6
0.7
4.4
ns
TA = -40°C to +85°C, CL = 30 or 50pF as noted (see Figure 2)
Parameter
From
Input
To
Output
VCC = 1.8V
± 0.15V
VCC = 2.5V
± 0.2V
VCC = 3.3V
± 0.3V
VCC = 5V
± 0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tpd
A
Y
1.0
11
0.7
6.5
0.7
5.5
0.7
5
ns
TA = -40°C to +125°C, CL = 15pF as noted (see Figure 1)
Parameter
From
Input
To
Output
VCC = 1.8V
± 0.15V
VCC = 2.5V
± 0.2V
VCC = 3.3V
± 0.3V
VCC = 5V
± 0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tpd
A
Y
1.0
12.5
0.7
7.5
0.7
6.5
0.7
5.5
ns
TA = -40°C to +125°C, CL = 30 or 50pF as noted (see Figure 2)
Parameter
From
Input
To
Output
VCC = 1.8V
± 0.15V
VCC = 2.5V
± 0.2V
VCC = 3.3V
± 0.3V
VCC = 5V
± 0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tpd
A
Y
1.0
14.0
0.7
8.5
0.7
7.0
0.7
6.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com