Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G14FS3 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # 74LVC1G14FS3
Description  SINGLE SCHMITT-TRIGGER INVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G14FS3 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button 74LVC1G14FS3 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 9Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 10Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 11Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 12Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 13Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 14Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
74LVC1G14
Document number: DS35123 Rev. 4 - 2
11 of 16
www.diodes.com
March 2014
© Diodes Incorporated
74LVC1G14
Package Outline Dimensions (cont.)
(4) Package Type X2-DFN0808-4
(5) Package Type: X1-DFN1010-6
P i n # 1 I D
L 1
e
A
A 1
S e a t i n g P l a n e
D
E
b
e 1
L
5 x
X2-DFN0808-4
Dim
Min
Max
Typ
A
0.25
0.35
0.30
A1
0
0.04
0.02
A3
-
-
0.13
b
0.17
0.27
0.22
D
0.75
0.85
0.80
D2
0.15
0.35
0.25
E
0.75
0.85
0.80
E2
0.15
0.35
0.25
e
-
-
0.48
K
0.20
-
-
L
0.17
0.27
0.22
L1
0.02
0.12
0.07
Z
-
-
0.05
All Dimensions in mm
X1-DFN1010-6
Dim
Min
Max
Typ
A
-
0.50
0.39
A1
-
0.04
-
b
0.12 0.20
0.15
D
0.95 1.050
1.00
E
0.95 1.050
1.00
e
0.55 BSC
e1
0.35 BSC
L
0.27 0.35
0.30
L1
0.32 0.40
0.35
All Dimensions in mm
A
A 3
A 1
S e a t i n g P l a n e
E
D
e
D 2
E 2
Z
4 x
b
4 x
L 1
4 x
L
4 x
P i n # 1 I D
K
R 0 . 0 5 T Y P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com