Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G14FS3 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # 74LVC1G14FS3
Description  SINGLE SCHMITT-TRIGGER INVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G14FS3 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button 74LVC1G14FS3 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 9Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 10Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 11Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 12Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 13Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
74LVC1G14
Document number: DS35123 Rev. 4 - 2
10 of 16
www.diodes.com
March 2014
© Diodes Incorporated
74LVC1G14
Package Outline Dimensions (All Dimensions in mm)
(1) Package Type: SOT25
(2) Package Type: SOT353
(3) Package Type: SOT553
SOT25
Dim
Min
Max Typ
A
0.35
0.50 0.38
B
1.50
1.70 1.60
C
2.70
3.00 2.80
D
0.95
H
2.90
3.10 3.00
J
0.013 0.10 0.05
K
1.00
1.30 1.10
L
0.35
0.55 0.40
M
0.10
0.20 0.15
N
0.70
0.80 0.75
0°
8°
All Dimensions in mm
SOT353
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Typ
F
0.40
0.45
H
1.80
2.20
J
0
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.22
0°
8°
All Dimensions in mm
SOT553
Dim
Min
Max
Typ
A
0.55
0.62
0.60
b
0.15
0.30
0.20
c
0.10
0.18
0.15
D
1.50
1.70
1.60
E
1.55
1.70
1.60
E1
1.10
1.25
1.20
e
0.50 BSC
e1
1.00 BSC
F
0.00
0.10
––
L
0.10
0.30
0.20
a
6°
8°
7°
All Dimensions in mm
A
M
J
L
D
B C
H
K
N
A
M
J
L
D
B C
H
K
F
E1/2
E1
D
TYP.
R0.1 MAX.
a
A
E/2
E
b (5x)
e
e1
L (5x)
c
F
TYP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com