Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS954201 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS954201
Description  Programmable Timing Control Hub??for Mobile P4??Systems
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS954201 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS954201 Datasheet HTML 1Page - Integrated Circuit Systems ICS954201 Datasheet HTML 2Page - Integrated Circuit Systems ICS954201 Datasheet HTML 3Page - Integrated Circuit Systems ICS954201 Datasheet HTML 4Page - Integrated Circuit Systems ICS954201 Datasheet HTML 5Page - Integrated Circuit Systems ICS954201 Datasheet HTML 6Page - Integrated Circuit Systems ICS954201 Datasheet HTML 7Page - Integrated Circuit Systems ICS954201 Datasheet HTML 8Page - Integrated Circuit Systems ICS954201 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Integrated
Circuit
Systems, Inc.
ICS954201
0819G—12/06/04
Pin Description
PIN # PIN NAME
PIN
TYPE
DESCRIPTION
1
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
2
GND
PWR
Ground pin.
3
PCICLK3
OUT
PCI clock output.
4
PCICLK4
OUT
PCI clock output.
5
PCICLK5
OUT
PCI clock output.
6
GND
PWR
Ground pin.
7
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
8
ITP_EN/PCICLK_F0
I/O
Free running PCI clock not affected by PCI_STOP#.
ITP_EN: latched input to select pin functionality
1 = CPU_ITP pair
0 = SRC pair
9
PCICLK_F1
OUT
Free running PCI clock not affected by PCI_STOP# .
10
Vtt_PwrGd#/PD
IN
Vtt_PwrGd# is an active low input used to determine when
latched inputs are ready to be sampled. PD is an asynchronous
active high input pin used to put the device into a low power
state. The internal clocks, PLLs and the crystal oscillator are
stopped.
11
VDD48
PWR
Power pin for the 48MHz output.3.3V
12
USB_48MHz/FS_A
I/O
Frequency select latch input pin / Fixed 48MHz USB clock
output. 3.3V.
13
GND
PWR
Ground pin.
14
DOTT_96MHz
OUT
True clock of differential pair for 96.00MHz DOT clock.
15
DOTC_96MHz
OUT
Complement clock of differential pair for 96.00MHz DOT clock.
16
FS_B/TEST_MODE
IN
3.3V tolerant input for CPU frequency selection. Refer to input
electrical characteristics for Vil_FS and Vih_FS values.
TEST_MODE is a real time input to select between Hi-Z and
REF/N divider mode while in test mode. Refer to Test
Clarification Table.
17
SRCCLKT0
OUT
True clock of differential SRC clock pair.
18
SRCCLKC0
OUT
Complement clock of differential SRC clock pair.
19
SRCCLKT1
OUT
True clock of differential SRC clock pair.
20
SRCCLKC1
OUT
Complement clock of differential SRC clock pair.
21
VDDSRC
PWR
Supply for SRC clocks, 3.3V nominal
22
SRCCLKT2
OUT
True clock of differential SRC clock pair.
23
SRCCLKC2
OUT
Complement clock of differential SRC clock pair.
24
SRCCLKT3
OUT
True clock of differential SRC clock pair.
25
SRCCLKC3
OUT
Complement clock of differential SRC clock pair.
26
SRCCLKT4_SATA
OUT
True clock of differential SRC/SATA pair.
27
SRCCLKC4_SATA
OUT
Complement clock of differential SRC/SATA pair.
28
VDDSRC
PWR
Supply for SRC clocks, 3.3V nominal



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com