Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS954201 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS954201
Description  Programmable Timing Control Hub??for Mobile P4??Systems
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS954201 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS954201 Datasheet HTML 2Page - Integrated Circuit Systems ICS954201 Datasheet HTML 3Page - Integrated Circuit Systems ICS954201 Datasheet HTML 4Page - Integrated Circuit Systems ICS954201 Datasheet HTML 5Page - Integrated Circuit Systems ICS954201 Datasheet HTML 6Page - Integrated Circuit Systems ICS954201 Datasheet HTML 7Page - Integrated Circuit Systems ICS954201 Datasheet HTML 8Page - Integrated Circuit Systems ICS954201 Datasheet HTML 9Page - Integrated Circuit Systems ICS954201 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Integrated
Circuit
Systems, Inc.
ICS954201
0819G—12/06/04
Electrical Characteristics - SRC 0.7V Current Mode Differential Pair
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL =2pF, RS=33.2
Ω, R
P=49.9
Ω, Ι
REF
= 475Ω
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS Notes
Current Source Output
Impedance
Zo
1
VO = Vx
3000
Ω
1
Voltage HighVHigh
660
760
850
1,3
Voltage Low
VLow
-150
2
150
1,3
Max Voltage
Vovs
782
1150
1
Min Voltage
Vuds
-300
-33
1
Crossing Voltage (abs)
Vcross
(abs)
250
344
550
mV
1
Crossing Voltage (var)
d-Vcross
Variation of crossing over all
edges
97
140
mV
1
Long Accuracy
ppm
see Tperiod min-max values
-300
300
ppm
1,2
100.00MHz non-spread
9.9999
10.0030
ns
2
100.00MHz spread
10.0533
ns
2
100.00MHz non-spread
9.9999
10.1280
ns
1,2
100.00MHz spread
10.1783
ns
1,2
Rise Time
tr
VOL = 0.175V, VOH = 0.525V
175
260
700
ps
1
Fall Time
tf
VOH = 0.525V, VOL = 0.175V
175
212
700
ps
1
Rise Time Variation
d-tr
20
125
ps
1
Fall Time Variation
d-tf
13
125
ps
1
Duty Cycle
dt3
Measurement from differential
wavefrom
45
51
55
%
1
Skew
tsk3
VT = 50%
87
250
ps
1
Jitter, Cycle to cycle
tjcyc-cyc
Measurement from differential
wavefrom
37
125
ps
1
1Guaranteed by design and characterization, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz
3I
REF = VDD/(3xRR). For RR = 475
Ω (1%), I
REF = 2.32mA. IOH = 6 x IREF and VOH = 0.7V @ ZO=50
Ω.
9.8720
Absolute min/max period
Tabs
mV
Measurement on single ended
signal using absolute value.
mV
Average period
Tperiod
Statistical measurement on single
ended signal using oscilloscope
9.9970



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com