Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS954201 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS954201
Description  Programmable Timing Control Hub??for Mobile P4??Systems
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS954201 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS954201 Datasheet HTML 2Page - Integrated Circuit Systems ICS954201 Datasheet HTML 3Page - Integrated Circuit Systems ICS954201 Datasheet HTML 4Page - Integrated Circuit Systems ICS954201 Datasheet HTML 5Page - Integrated Circuit Systems ICS954201 Datasheet HTML 6Page - Integrated Circuit Systems ICS954201 Datasheet HTML 7Page - Integrated Circuit Systems ICS954201 Datasheet HTML 8Page - Integrated Circuit Systems ICS954201 Datasheet HTML 9Page - Integrated Circuit Systems ICS954201 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Integrated
Circuit
Systems, Inc.
ICS954201
0819G—12/06/04
Electrical Characteristics - DOT, 96MHz 0.7V Current Mode Differential Pair
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL =2pF, RS=33.2
Ω, R
P=49.9
Ω, Ι
REF
= 475Ω
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS Notes
Current Source Output
Impedance
Zo
1
VO = Vx
3000
Ω
1
Voltage HighVHigh
660
749
850
1,3
Voltage Low
VLow
-150
1.5
150
1,3
Max Voltage
Vovs
778
1150
1
Min Voltage
Vuds
-300
-51
1
Crossing Voltage (abs)
Vcross
(abs)
250
358
550
mV
1
Crossing Voltage (var)
d-Vcross
Variation of crossing over all
edges
26
140
mV
1
Long Accuracy
ppm
see Tperiod min-max values
-100
100
ppm
1,2
Average period
Tperiod
96.00MHz
10.4156
10.4167
10.4177
ns
2
Absolute min/max period
Tabs
96.00MHz
10.1656
10.4100
10.6677
ns
1,2
Rise Time
tr
VOL = 0.175V, VOH = 0.525V
175
210
700
ps
1
Fall Time
tf
VOH = 0.525V, VOL = 0.175V
175
180
700
ps
1
Rise Time Variation
d-tr
23
125
ps
1
Fall Time Variation
d-tf
50
125
ps
1
Duty Cycle
dt3
Measurement from differential
wavefrom
45
49
55
%
1
Jitter, Cycle to cycle
tjcyc-cyc
Measurement from differential
wavefrom
98
250
ps
1
1Guaranteed by design and characterization, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz
3I
REF = VDD/(3xRR). For RR = 475
Ω (1%), I
REF = 2.32mA. IOH = 6 x IREF and VOH = 0.7V @ ZO=50
Ω.
Measurement on single ended
signal using absolute value.
mV
Statistical measurement on single
ended signal using oscilloscope
mV
Electrical Characteristics - REF-14.318MHz
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBO
L
CONDITIONS
MIN
TYP
MAX
UNITS Notes
Long Accuracy
ppm
see Tperiod min-max values
-300
300
ppm
1
Clock period
Tperiod
14.318MHz output nominal
69.8270
69.841
69.8550
ns
1
Output High Voltage
VOH
IOH = -1 mA
2.4
3.25
V
1
Output Low Voltage
VOL
IOL = 1 mA
0.05
0.4
V
1
VOH @ MIN = 1.0 V
-33
-53
mA
1
VOH@ MAX = 3.135 V
-6
-33
mA
1
VOL @MIN = 1.95 V
30
60.9
mA
1
VOL @ MAX = 0.4 V
23
38
mA
1
VOH @ MIN = 1.0 V
-33
-110
mA
1
VOH@ MAX = 3.135 V
-12
-33
mA
1
VOL @MIN = 1.95 V
110
mA
1
VOL @ MAX = 0.4 V
47
mA
1
Rise Time
tr1
VOL = 0.4 V, VOH = 2.4 V
1
1.7
2
ns
1
Fall Time
tf1
VOH = 2.4 V, VOL = 0.4 V
1
1.9
2
ns
1,2
Duty Cycle
dt1
VT = 1.5 V
45
54
55
%
1,2
Jitter
tjcyc-cyc
VT = 1.5 V
197
1000
ps
1
1Guaranteed by design and characterization, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz
Output High Current (2X)
IOH
Output Low Current (2X)
IOL
Output High Current (1X)
IOH
Output Low Current (1X)
IOL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com