Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS954201 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS954201
Description  Programmable Timing Control Hub??for Mobile P4??Systems
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS954201 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS954201 Datasheet HTML 1Page - Integrated Circuit Systems ICS954201 Datasheet HTML 2Page - Integrated Circuit Systems ICS954201 Datasheet HTML 3Page - Integrated Circuit Systems ICS954201 Datasheet HTML 4Page - Integrated Circuit Systems ICS954201 Datasheet HTML 5Page - Integrated Circuit Systems ICS954201 Datasheet HTML 6Page - Integrated Circuit Systems ICS954201 Datasheet HTML 7Page - Integrated Circuit Systems ICS954201 Datasheet HTML 8Page - Integrated Circuit Systems ICS954201 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Integrated
Circuit
Systems, Inc.
ICS954201
0819G—12/06/04
Pin Description (Continued)
PIN # PIN NAME
TYPE
DESCRIPTION
29
GND
PWR
Ground pin.
30
SRCCLKC5
OUT
Complement clock of differential SRC clock pair.
31
SRCCLKT5
OUT
True clock of differential SRC clock pair.
32
SRCCLKC6
OUT
Complement clock of differential SRC clock pair.
33
SRCCLKT6
OUT
True clock of differential SRC clock pair.
34
VDDSRC
PWR
Supply for SRC clocks, 3.3V nominal
35
CPUCLKC2_ITP/SRCCLKC7
OUT
Complimentary clock of CPU_ITP/SRC differential pair
CPU_ITP/SRC output. These are current mode outputs.
External resistors are required for voltage bias. Selected by
ITP_EN input.
36
CPUCLKT2_ITP/SRCCLKT7
OUT
True clock of CPU_ITP/SRC differential pair CPU_ITP/SRC
output. These are current mode outputs. External resistors are
required for voltage bias. Selected by ITP_EN input.
37
VDDA
PWR
3.3V power for the PLL core.
38
GNDA
PWR
Ground pin for the PLL core.
39
IREF
OUT
This pin establishes the reference current for the differential
current-mode output pairs. This pin requires a fixed precision
resistor tied to ground in order to establish the appropriate
current. 475 ohms is the standard value.
40
CPUCLKC1
OUT
Complimentary clock of differential pair CPU outputs. These are
current mode outputs. External resistors are required for voltage
bias.
41
CPUCLKT1
OUT
True clock of differential pair CPU outputs. These are current
mode outputs. External resistors are required for voltage bias.
42
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
43
CPUCLKC0
OUT
Complimentary clock of differential pair CPU outputs. These are
current mode outputs. External resistors are required for voltage
bias.
44
CPUCLKT0
OUT
True clock of differential pair CPU outputs. These are current
mode outputs. External resistors are required for voltage bias.
45
GND
PWR
Ground pin.
46
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
47
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
48
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
49
X2
OUT
Crystal output, Nominally 14.318MHz
50
X1
IN
Crystal input, Nominally 14.318MHz.
51
GND
PWR
Ground pin.
52
REFOUT
OUT
Reference Clock output
53
FS_C/TEST_SEL
IN
3.3V tolerant input for CPU frequency selection. Low voltage
threshold inputs, see input electrical characteristics for Vil_FS
and Vih_FS values.
TEST_Sel: 3-level latched input to enable test mode.
Refer to Test Clarification Table
54
CPU_STOP#
IN
Stops all CPUCLK, except those set to be free running clocks
55
PCI/SRC_STOP#
IN
Stops all PCICLKs and SRCCLKs besides the free-running
clocks at logic 0 level, when input low
56
PCICLK2
OUT
PCI clock output.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com