Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM6431 Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6431
Description  Digital Media Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6431 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS320DM6431 Datasheet HTML 77Page - Texas Instruments TMS320DM6431 Datasheet HTML 78Page - Texas Instruments TMS320DM6431 Datasheet HTML 79Page - Texas Instruments TMS320DM6431 Datasheet HTML 80Page - Texas Instruments TMS320DM6431 Datasheet HTML 81Page - Texas Instruments TMS320DM6431 Datasheet HTML 82Page - Texas Instruments TMS320DM6431 Datasheet HTML 83Page - Texas Instruments TMS320DM6431 Datasheet HTML 84Page - Texas Instruments TMS320DM6431 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 227 page
background image
3.7.1
Pin Muxing Selection At Reset
3.7.2
Pin Muxing Selection After Reset
3.7.2.1 PINMUX0 Register Description
TMS320DM6431
Digital Media Processor
www.ti.com
SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008
This section summarizes pin mux selection at reset.
The configuration pins AEM[2:0] and AEAW[2:0] latched at device reset determine default pin muxing for
the following Pin Mux Blocks:
• EMIFA/VPSS Block: default pin mux determined by AEM[2:0] and AEAW[2:0]. After reset, software
may modify settings in the PINMUX0 register to add VPFE functionalities into this block.
–
AEM[2:0] = 000b, AEAW[2:0] = don't care: Major Config Option A is selected. This block defaults to
61 GPIO pins.
–
AEM[2:0] = 001b, AEAW[2:0] = 000b to 100b: Major Config Option B is selected. This block
defaults to 8-bit EMIFA (Async) Pinout Mode 1, plus 24-to-32 GPIO pins.
–
AEM[2:0] = 101b, AEAW[2:0] = don't care: Major Config Option E is selected. This block defaults to
8-bit EMIFA (NAND) Pinout mode 5, plus 47 GPIO pins.
For a description of the PINMUX0 and PINMUX1 registers and more details on pin muxing, see
Section 3.7.2, Pin Muxing Selection After Reset.
The PINMUX0 and PINMUX1 registers in the System Module allow software to select the pin functions in
the Pin Mux Blocks. The pin control of some of the Pin Mux Blocks requires a combination of
PINMUX0/PINMUX1 bit fields. For more details on the combination of the PINMUX bit fields that control
each muxed pin, see Section 3.7.3.1, Multiplexed Pins on DM6431.
This section only provides an overview of the PINMUX0 and PINMUX1 registers. For more detailed
discussion on how to program each Pin Mux Block, see Section 3.7.3, Pin Multiplexing Details.
The Pin Multiplexing 0 Register (PINMUX0) controls the pin function in the EMIFA/VPSS Block. The
PINMUX0 register format is shown in Figure 3-11 and the bit field descriptions are given in Table 3-18.
Some muxed pins are controlled by more than one PINMUX bit field. For the combination of the PINMUX
bit fields that control each muxed pin, see Section 3.7.3.1, Multiplexed Pins on DM6431. For more
information on EMIFA/VPSS Block pin muxing, see Section 3.7.3.11, EMIFA/VPSS Block Muxing. For the
pin-by-pin muxing control of the EMIFA/VPSS Block, see Section 3.7.3.11.7, EMIFA/VPSS Block
Pin-By-Pin Multiplexing Summary.
31
30
29
25
24
23
22
21
20
19
18
17
16
CFLDSE
CWEN
CCDCSE
RSV
CI10SEL
RESERVED
HVDSEL
RSV
RSV
AEAW
L
SEL
L
R/W-0
R/W-0
R/W-00 000
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-LLL
15
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
CS3SEL
CS4SEL
CS5SEL
RESERVED
AEM
R/W-0000
R/W-00
R/W-00
R/W-00
R/W-000
R/W-LLL
LEGEND: R/W = Read/Write; R = Read only; L = pin state latched at reset rising edge; -n = value after reset
(1) For proper DM6431 device operation, always write a value of "0" to all RESERVED/RSV bits.
Figure 3-11. PINMUX0 Register— 0x01C4 0000 (1)
Submit Documentation Feedback
Device Configurations
81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com