Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM6431 Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6431
Description  Digital Media Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6431 Datasheet(HTML) 82 Page - Texas Instruments

Back Button TMS320DM6431 Datasheet HTML 78Page - Texas Instruments TMS320DM6431 Datasheet HTML 79Page - Texas Instruments TMS320DM6431 Datasheet HTML 80Page - Texas Instruments TMS320DM6431 Datasheet HTML 81Page - Texas Instruments TMS320DM6431 Datasheet HTML 82Page - Texas Instruments TMS320DM6431 Datasheet HTML 83Page - Texas Instruments TMS320DM6431 Datasheet HTML 84Page - Texas Instruments TMS320DM6431 Datasheet HTML 85Page - Texas Instruments TMS320DM6431 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 227 page
background image
TMS320DM6431
Digital Media Processor
SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Table 3-18. PINMUX0 Register Description
Bit
Field Name
Description
Pins Controlled
Reserved. For proper device operation, the user should only write "0" to this bit
31
RSV
(default).
Sub-Block 0
CI[1:0] Function Select.
CI1(CCD9)/EM_A[19]/GP[45]
0 = No CCDC CI[1:0].
CI0(CCD8)/EM_A[20]/GP[44]
30
CI10SEL
Pins function as GPIO or EMIFA based on AEM and AEAW settings (default).
The combination of PINMUX0 fields AEM,
1 = Selects CCDC [1:0] (as CCD8 and CCD9, respectively) to get a 10-bit CCDC.
AEAW, and CI10SEL bits control the pin
To use the 10-bit CCDC, the user must also configure PINMUX0.CCDCSEL = 1.
muxing of these 2 pins. (1)
Reserved. For proper device operation, the user should only write "0" to this bit
29:25
RSV
(default).
Sub-Block 0
CCDC Field Select.
C_FIELD/EM_A[21]/GP[34]
0 = No CCDC Field (C_FIELD).
24
CFLDSEL
Pin functions as EMIFA EM_A[21] or GPIO based on AEM setting (default).
The combination of PINMUX0/1 fields
CFLDSEL and AEM control the muxing of this
1 = CCDC Field (C_FIELD).
pin. (1)
CCDC Write Enable Select.
Sub-Block 0
0 = No CCDC Write Enable.
Pin functions as EMIFA EM_R/W or GPIO based on AEM setting (default).
C_WE/EM_R/W/GP[35]
23
CWENSEL
1 = CCDC Write Enable (C_WE).
The combination of PINMUX0 fields CWENSEL
Pin functions as CCDC Write Enable C_WE.
and AEM control the muxing of this pin. (1)
Applicable only for AEM = 0 (000b) or 5 (101b).
Sub-Block 0
CCDC HD and VD Select.
VD/GP[53]
0 = No CCDC HD and VD.
22
HVDSEL
HD/GP[52]
Pins function as GPIO (GP[53] and GP[52]) (default).
The PINMUX0 field HVDSEL alone controls the
1 = CCDC HD and VD.
muxing of these 2 pins.
Reserved. For proper device operation, the user should only write "0" to this bit
21
RSV
(default).
Sub-Block 0
PCLK/GP[54]
YI7(CCD7)/GP[43]
CCDC Select.
YI6(CCD6)/GP[42]
This bit field determines if CCDC is supported or not.
YI5(CCD5)/GP[41]
0 = CCDC not supported.
YI4(CCD4)/GP[40]
20
CCDCSEL
Pins function as GPIO (GP[54] and GP[43:36]) (default).
YI3(CCD3)/GP[39]
YI2(CCD2)/GP[38]
1 = CCDC supported.
YI1(CCD1)/GP[37]
Pins function as CCDC PCLK, YI[7:0].
YI0(CCD0)/GP[36]
The PINMUX0 field CCDCSEL alone controls
the muxing of these 9 pins.
Reserved. For proper device operation, the user should only write "0" to this bit
19
RSV
(default).
(1)
For the full set of valid configurations of these pins, see Section 3.7.3.11.7, EMIFA/VPSS Block Pin-By-Pin Multiplexing Summary.
82
Device Configurations
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com