Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM6431 Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6431
Description  Digital Media Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6431 Datasheet(HTML) 92 Page - Texas Instruments

Back Button TMS320DM6431 Datasheet HTML 88Page - Texas Instruments TMS320DM6431 Datasheet HTML 89Page - Texas Instruments TMS320DM6431 Datasheet HTML 90Page - Texas Instruments TMS320DM6431 Datasheet HTML 91Page - Texas Instruments TMS320DM6431 Datasheet HTML 92Page - Texas Instruments TMS320DM6431 Datasheet HTML 93Page - Texas Instruments TMS320DM6431 Datasheet HTML 94Page - Texas Instruments TMS320DM6431 Datasheet HTML 95Page - Texas Instruments TMS320DM6431 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 227 page
background image
TMS320DM6431
Digital Media Processor
SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Table 3-22 provides a different view of the Host Block pin muxing, showing the Host Block function based
on PINMUX1 settings. The selection options are also shown pictorially in Figure 3-10.
If EMAC operation is desired, EMAC must be placed in reset before programming PINMUX1.HOSTBK to
select EMAC pins.
Table 3-22. Host Block Function Selection
PINMUX1
SETTING
BLOCK FUNCTION
RESULTING PIN FUNCTIONS
HOSTBK
GPIO (27)
000
GPIO: GP[83:57]
(default)
001
Reserved
Reserved
010
Reserved
Reserved
011
Reserved
Reserved
EMAC (MII): TXCLK, CRS, COL, TXD[3:0], RXDV, TXEN, RXER, RXCLK,
RXD[3:0]
MDIO: MDC, MDIO
100
EMAC (MII) + MDIO + GPIO (10)
GPIO: GP[66:57]
If EMAC operation is desired, EMAC must be placed in reset before
programming PINMUX1.HOSTBK to select EMAC pins.
101 to 111
Reserved
Reserved
The VDD3P3V_PWDN.HOST field determines the power state of the Host Block pins. The Host Block
pins default to powered up. For more details on the VDD3P3V_PWDN.HOST field, see Section 3.2, Power
Considerations.
Device Configurations
92
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com