Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM6431 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6431
Description  Digital Media Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6431 Datasheet(HTML) 87 Page - Texas Instruments

Back Button TMS320DM6431 Datasheet HTML 83Page - Texas Instruments TMS320DM6431 Datasheet HTML 84Page - Texas Instruments TMS320DM6431 Datasheet HTML 85Page - Texas Instruments TMS320DM6431 Datasheet HTML 86Page - Texas Instruments TMS320DM6431 Datasheet HTML 87Page - Texas Instruments TMS320DM6431 Datasheet HTML 88Page - Texas Instruments TMS320DM6431 Datasheet HTML 89Page - Texas Instruments TMS320DM6431 Datasheet HTML 90Page - Texas Instruments TMS320DM6431 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 227 page
background image
3.7.3
Pin Multiplexing Details
3.7.3.1 Multiplexed Pins on DM6431
TMS320DM6431
Digital Media Processor
www.ti.com
SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008
Table 3-19. PINMUX1 Register Description (continued)
Bit
Field Name
Description
Pins Controlled
Reserved. For proper device operation, the user should only write "0" to this bit
7
RSV
–
(default).
Host Block:
GP[57]
GP[58]
GP[59]
GP[60]
GP[61]
Host Block Pin Select.
GP[62]
If EMAC opertaion is desired, EMAC must be placed in reset before
GP[63]
programminng PINMUX1 HOSTBK to select EMAC pins.
GP[64]
GP[65]
HOSTBK = 000: GPIO Mode (default).
GP[66]
Pins function as GPIO (GP[83:57]).
MCOL/GP[67]
MCRS/GP[68]
HOSTBK = 001: Reserved
MTXD3/GP[69]
6:4
HOSTBK
HOSTBK = 010: Reserved
MTXD2/GP[70]
MTXD1/GP[71]
HOSTBK = 011: Reserved
MTXD0/GP[72]
MTXCLK/GP[73]
HOSTBK = 100: MII + MDIO +10 GPIO Mode.
MRXDV/GP[74]
Pins function as MII (TXCLK, CRS, COL, TXD[3:0], RXVD, TXEN, RXER,
MTXEN/GP[75]
RXCLK, RXD[3:0]), MDIO (MDIO, MDC), and GP[66:57].
MRXER/GP[76]
MRXCLK/GP[77]
All other HOSTBK combinations reserved.
MRXD0/GP[78]
MRXD1/GP[79]
MRXD2/GP[80]
MDCLK/GP[81]
MRXD3/GP[82]
MDIO/GP[83]
Reserved. For proper device operation, the user should only write "0" to this bit
3:1
RESERVED
–
(default).
0
RSV
Reserved. Writes have no effect.
–
This section discusses how to program each Pin Mux Block to select the desired peripheral functions.
The following steps can be used to determine pin muxing suitable for the application:
1. Understand the major configuration choices available for the specific application.
a.
Device Major Configuration Choices: Figure 3-10 shown in Section 3.7, Multiplexed Pin
Configurations, provides a high-level view of the device pin muxing and can be used to determine
the possible mix of peripheral options for a specific application.
b.
EMIFA/VPSS Block Major Configuration Choices: The EMIFA/VPSS block features extensive pin
multiplexing to accommodate a variety of applications. In addition to Figure 3-10, Section 3.7.3.11,
EMIFA/VPSS Block Muxing, provides more details on the Major Configuration choices for this
block.
2. See Section 3.7.3.1, Multiplexed Pins on DM6431, for a summary of all the multiplexed pins on this
device and the pin mux group they belong to.
3. Refer to the individual pin mux sections (Section 3.7.3.3, Host Block Muxing to Section 3.7.3.11,
EMIFA/VPSS Block Muxing) for pin muxing details for a specific pin mux block.
a.
For peripherals that span multiple pin mux blocks, the user must select the appropriate pins for that
peripheral in all relevant pin mux blocks. For more details, see Section 3.7.3.2, Peripherals
Spanning Multiple Pin Mux Blocks.
For details on PINMUX0 and PINMUX1 registers, see Section 3.7.2.
Table 3-20 summarizes all of the multiplexed pins on DM6431, the pin mux group for each pin, and the
PINMUX register fields that control the pin. For pin mux details, see the specific pin mux group section
(Section 3.7.3.3, Host Block Muxing to Section 3.7.3.11, EMIFA/VPSS Block Muxing). For a description of
the PINMUX register fields, see Section 3.7.2.
Submit Documentation Feedback
Device Configurations
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com