Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3232EBEN-L/TR Datasheet(PDF) 1 Page - Exar Corporation

Part # SP3232EBEN-L/TR
Description  True 3.0V to 5.5V RS-232 Transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3232EBEN-L/TR Datasheet(HTML) 1 Page - Exar Corporation

  SP3232EBEN-L/TR Datasheet HTML 1Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 2Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 3Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 4Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 5Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 6Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 7Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 8Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SP3222EB/SP3232EB
True +3.0V to +5.5V RS-232 Transceivers
The SP3222EB/SP3232EB series is an RS-232 transceiver solution intended for portable or
hand-held applications such as notebook or laptop computers. The SP3222EB/SP3232EB
series has a high-efficiency, charge-pump power supply that requires only 0.1µF capacitors
in 3.3V operation. This charge pump allows the SP3222EB/SP3232EB series to deliver true
RS-232 performance from a single power supply ranging from +3.0V to +5.5V. The SP3222EB/
SP3232EB are 2-driver/2-receiver devices. The ESD tolerance of the SP3222EB/SP3232EB
devices is over +/-15kV for both Human Body Model and IEC61000-4-2 Air discharge test
methods. The SP3222EB device has a low-power shutdown mode where the devices' driver
outputs and charge pumps are disabled. During shutdown, the supply current falls to less
than 1µA.
FEATURES
■ Meets true EIA/TIA-232-F Standards
from a +3.0V to +5.5V power supply
■ 250kbps Transmission Rate Under Load
■ 1µA Low Power Shutdown with
Receivers active (SP3222EB)
■ Interoperable with RS-232 down to a
+2.7V power source
■ Enhanced ESD Specifications:
+15kV Human Body Model
+15kV IEC61000-4-2 Air Discharge
+8kV IEC61000-4-2 Contact Discharge
DESCRIPTION
SELECTION TABLE
Device
Power
Supplies
RS-232
Drivers
RS-232
Receivers
External
Components
Shutdown
TTL
3-State
# of
Pins
SP3222EB
+3.0V to
+5.5V
2
2
4 Capacitors
Yes
Yes
18, 20
SP3232EB
+3.0V to
+5.5V
2
2
4 Capacitors
No
No
16
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7000• www.exar.com
SP3222EB/SP3232EB_106_022316
1


Similar Part No. - SP3232EBEN-L/TR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3232EBEN-L EXAR-SP3232EBEN-L Datasheet
977Kb / 22P
True 3.0V to 5.5V RS-232 Transceivers
SP3232EBEN-LTR EXAR-SP3232EBEN-LTR Datasheet
977Kb / 22P
True 3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3232EBEN-L/TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3222 SIPEX-SP3222 Datasheet
131Kb / 20P
True 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3232EEN-L EXAR-SP3232EEN-L Datasheet
1Mb / 23P
True 3.0V to 5.5V RS-232 Transceivers
SP3222EEY-L-TR EXAR-SP3222EEY-L-TR Datasheet
1Mb / 23P
True 3.0V to 5.5V RS-232 Transceivers
SP3232ECT-L EXAR-SP3232ECT-L Datasheet
1Mb / 23P
True 3.0V to 5.5V RS-232 Transceivers
SP3222EEA-L-TR EXAR-SP3222EEA-L-TR Datasheet
1Mb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3232EBEY-L-TR EXAR-SP3232EBEY-L-TR Datasheet
644Kb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3232EEA-L-TR EXAR-SP3232EEA-L-TR Datasheet
1Mb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3232EEN-L-TR EXAR-SP3232EEN-L-TR Datasheet
1Mb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3232EUEY-L-TR EXAR-SP3232EUEY-L-TR Datasheet
1Mb / 24P
True 3.0V to 5.5V RS-232 Transceivers
logo
Guangdong Youtai Semico...
ADM3222A UMW-ADM3222A Datasheet
592Kb / 16P
True 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com