Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3232EBEN-L/TR Datasheet(PDF) 3 Page - Exar Corporation

Part # SP3232EBEN-L/TR
Description  True 3.0V to 5.5V RS-232 Transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3232EBEN-L/TR Datasheet(HTML) 3 Page - Exar Corporation

  SP3232EBEN-L/TR Datasheet HTML 1Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 2Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 3Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 4Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 5Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 6Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 7Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 8Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Unless otherwise noted, the following specifications apply for V
CC = +3.0V to +5.5V with TAMB = TMIN to TMAX,
C1 - C4 = 0.1µF. Typical values apply at V
CC = +3.3V or +5.0V and TAMB = 25°C.
ELECTRICAL CHARACTERISTICS
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
DRIVER OUTPUTS (continued)
Output Resistance
300
Ω
V
CC = V+ = V- = 0V, VOUT=+2V
Output Short-Circuit Current
+35
+60
mA
V
OUT = 0V
Output Leakage Current
+25
µA
V
CC = 0V or 3.0V to 5.5V, VOUT =
+12V, Drivers disabled
RECEIVER INPUTS
Input Voltage Range
-15
15
V
Input Threshold LOW
0.6
1.2
V
Vcc = 3.3V
Input Threshold LOW
0.8
1.5
V
Vcc = 5.0V
Input Threshold HIGH
1.5
2.4
V
Vcc = 3.3V
Input Threshold HIGH
1.8
2.4
V
Vcc = 5.0V
Input Hysteresis
0.3
V
Input Resistance
3
5
7
kΩ
TIMING CHARACTERISTICS
Maximum Data Rate
250
kbps
R
L = 3kΩ, CL = 1000pF, one
driver active
Receiver Propagation Delay, t
PHL
0.15
µs
Receiver input to Receiver
output, C
L = 150pF
Receiver Propagation Delay, t
PLH
0.15
µs
Receiver input to Receiver
output, C
L = 150pF
Receiver Output Enable Time
200
ns
Receiver Output Disable Time
200
ns
Driver Skew
100
ns
| t
PHL - tPLH |, TAMB = 25°C
Receiver Skew
50
ns
| t
PHL - tPLH |
Transition-Region Slew Rate
30
V/µs
Vcc = 3.3V, R
L = 3kΩ,
C
L = 1000pF, TAMB = 25°C,
measurements taken from -3.0V
to +3.0V or +3.0V to -3.0V
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7000• www.exar.com
SP3222EB/SP3232EB_106_022316
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com