Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3232EBEN-L/TR Datasheet(PDF) 23 Page - Exar Corporation

Part # SP3232EBEN-L/TR
Description  True 3.0V to 5.5V RS-232 Transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3232EBEN-L/TR Datasheet(HTML) 23 Page - Exar Corporation

Back Button SP3232EBEN-L/TR Datasheet HTML 16Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 17Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 18Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 19Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 20Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 21Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 22Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 23Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 24Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
REVISION HISTORY
Notice
EXAR Corporation reserves the right to make changes to any products contained in this publication in order to improve design, performance or reli-
ability. EXAR Corporation assumes no representation that the circuits are free of patent infringement. Charts and schedules contained herein are
only for illustration purposes and may vary depending upon a user's specific application. While the information in this publication has been carefully
checked; no responsibility, however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can
reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for
use in such applications unless EXAR Corporation receives, in writting, assurances to its satisfaction that: (a) the risk of injury or damage has been
minimized ; (b) the user assumes all such risks; (c) potential liability of EXAR Corporation is adequately protected under the circumstances.
Copyright 2016 EXAR Corporation
Datasheet February 2016
Send your serial transceiver technical inquiry with technical details to: serialtechsupport@exar.com
Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited.
DATE
REVISION DESCRIPTION
11/02/05
--
Legacy Sipex Datasheet
09/09/09
1.0.0
Convert to Exar Format, Update ordering information and
change revision to 1.0.0.
06/07/11
1.0.1
Remove obsolete devices per PDN 110510-01 and change
ESD rating to IEC-61000-4-2.
03/14/13
1.0.2
Correct type error to RX input voltage range and TX transi-
tion region slew rate condition.
8/14/14
1.0.3
Add Max Junction temperature and package thermal infor-
mation.
5/28/15
1.0.4
Update Absolute Max Rating for RxIN input voltage to +/-25V,
update logo.
10/27/15
1.0.5
Add SP3232EBER (QFN_16) preliminary package option.
2/23/16
1.0.6
Remove preminary status of QFN_16 package option.
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7000• www.exar.com
SP3222EB/SP3232EB_106_022316
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com