Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3232EBEN-L/TR Datasheet(PDF) 10 Page - Exar Corporation

Part # SP3232EBEN-L/TR
Description  True 3.0V to 5.5V RS-232 Transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3232EBEN-L/TR Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP3232EBEN-L/TR Datasheet HTML 6Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 7Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 8Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 9Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 10Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 11Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 12Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 13Page - Exar Corporation SP3232EBEN-L/TR Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
In most circumstances, decoupling the power
supply can be achieved adequately using
a 0.1µF bypass capacitor at C5 (refer to
figures 8 and 9)
In applications that are sensitive to power-
supply noise, decouple Vcc to ground with a
capacitor of the same value as charge-pump
capacitor C1. Physically connect bypass
capcitors as close to the IC as possible.
The charge pump operates in a discontinu-
ous mode using an internal oscillator. If the
output voltages are less than a magnitude
of 5.5V, the charge pump is enabled. If the
output voltages exceed a magnitude of 5.5V,
the charge pump is disabled. This oscillator
controls the four phases of the voltage shift-
ing. A description of each phase follows.
Phase 1
— V
SS charge storage — During this phase
of the clock cycle, the positive side of capaci-
tors C
1 and C2 are initially charged to VCC.
C
l
+ is then switched to GND and the charge
in C
1
– is transferred to C
2
–. Since C
2
+ is con-
nected to V
CC, the voltage potential across
capacitor C
2 is now 2 times VCC.
Phase 2
— V
SS transfer — Phase two of the clock
connects the negative terminal of C
2 to the VSS
storage capacitor and the positive terminal of
C
2 to GND. This transfers a negative gener-
ated voltage to C
3. This generated voltage is
regulated to a minimum voltage of -5.5V.
Simultaneous with the transfer of the volt-
age to C
3, the positive side of capacitor C1
is switched to V
CC and the negative side is
connected to GND.
Phase 3
— V
DD charge storage — The third phase of
the clock is identical to the first phase — the
charge transferred in C
1 produces –VCC in
the negative terminal of C
1, which is applied
to the negative side of capacitor C
2.
Since
C
2
+ is at V
CC, the voltage potential across C2
is 2 times V
CC.
Phase 4
— V
DD
transfer — The fourth phase of
the clock connects the negative terminal
of C
2 to GND, and transfers this positive
generated voltage across C
2
to C
4,
the
V
DD
storage capacitor.
This voltage is
regulated to +5.5V. At this voltage, the in-
ternal oscillator is disabled. Simultaneous
with the transfer of the voltage to C
4, the
positive side of capacitor C
1 is switched
to V
CC and
the
negative side is con-
nected to GND, allowing
the charge
pump cycle to begin again. The charge
pump cycle will continue as long as the
operational conditions for the internal
oscillator are present.
Since both V+ and V– are separately gener-
ated from V
CC, in a no–load condition V
+
and V– will be symmetrical. Older charge
pump approaches that generate V– from
V+ will show a decrease in the magnitude
of V– compared to V+ due to the inherent
inefficiencies in the design.
The clock rate for the charge pump typically
operates at greater than 250kHz. The exter-
nal capacitors can be as low as 0.1µF with
a 16V breakdown voltage rating.
DESCRIPTION
10
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7000 • www.exar.com
SP3222EB/SP3232EB_106_022316



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com