Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV232 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV232
Description  Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV232 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMV232 Datasheet HTML 1Page - National Semiconductor (TI) LMV232 Datasheet HTML 2Page - National Semiconductor (TI) LMV232 Datasheet HTML 3Page - National Semiconductor (TI) LMV232 Datasheet HTML 4Page - National Semiconductor (TI) LMV232 Datasheet HTML 5Page - National Semiconductor (TI) LMV232 Datasheet HTML 6Page - National Semiconductor (TI) LMV232 Datasheet HTML 7Page - National Semiconductor (TI) LMV232 Datasheet HTML 8Page - National Semiconductor (TI) LMV232 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Connection Diagram
8-Bump micro SMD
20127802
Top View
Pin Description
Pin
Name
Description
Power Supply
B3
V
DD
Positive Supply Voltage
B1
GND
Power Ground
Digital Inputs
C3
SD
Schmitt-triggered Shutdown. The device is active for SD = LOW. For SD = HIGH, it is
brought into a low-power shutdown mode.
C2
BS
Schmitt-triggered Band Select pin. When BS = HIGH, RF
IN1 is selected, when BS =
LOW, RF
IN2 is selected.
Analog Inputs
A1
RF
IN1
RF Input connected to the coupler output with optional attenuation to measure the
Power Amplifier (PA) / Antenna RF power levels. Both RF inputs of the device are
internally terminated with a 50
Ω resistance.
C1
RF
IN2
Feedback
A2
FB
Connected to inverting input of output amplifier. Enables user-configurable gain and
bandwidth through external feedback network.
Output
A3
Out
Amplifier output
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
8-Bump micro SMD
LMV232TL
A
I02
250 Units Tape and Reel
TLA08AAA
LMV232TLX
3k Units Tape and Reel
Note: This product is only offered with lead free bumps.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com