Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV232 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV232
Description  Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV232 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMV232 Datasheet HTML 5Page - National Semiconductor (TI) LMV232 Datasheet HTML 6Page - National Semiconductor (TI) LMV232 Datasheet HTML 7Page - National Semiconductor (TI) LMV232 Datasheet HTML 8Page - National Semiconductor (TI) LMV232 Datasheet HTML 9Page - National Semiconductor (TI) LMV232 Datasheet HTML 10Page - National Semiconductor (TI) LMV232 Datasheet HTML 11Page - National Semiconductor (TI) LMV232 Datasheet HTML 12Page - National Semiconductor (TI) LMV232 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Application Notes (Continued)
The detection curves of Figure 2 show the detector response
to RF input power. To show the complete dynamic range on
a logarithmic scale, the pedestal voltage (V
PEDESTAL) is sub-
tracted from the output. The pedestal voltage is defined as
the output voltage in the absence of an RF input signal (at
25˚C). The best-fit ideal mean square response is repre-
sented by the fitted curve in Figure 2. The input referred error
of the detection curves with respect to this best-fit mean
square response is determined as follows:
•
Determine the best-fit mean square response.
•
Determine the output referred error between the actual
detector response and the ideal mean square response.
•
Translate the output referred error to an input referred
error.
The best-fit linear curve is obtained from the detector re-
sponse by means of linear regression. The output referred
error is calculated with the formula:
Error
dBV = 20*log[ (VOUT-VPEDESTAL)/(KDET*PIN)]
Where,
Conversion gain of the ideal fitted curve K
DET is in V/mW
and the RF input power P
IN in mW.
To translate this output referred error (in dB) to an input
referred error, it has to be divided by a factor of 2. This is due
to the mean square characteristic of the device. The re-
sponse of a mean square detector changes by 2 dB for every
dB change of the input power. Figure 3 depicts the resulting
curve.
Analyzing Figure 3 shows that three sections can be distin-
guished:
•
At higher power levels the error increases.
•
A middle section where the error is constant and rela-
tively small.
•
At lower power levels the error increases again.
These three sections are leading back to three error mecha-
nisms. At higher power levels the detectors output starts to
saturate because the output voltage approaches the maxi-
mum signal swing that the detector can handle. The maxi-
mum output voltage of the device thus limits the upper end of
the detection range. Also the maximum allowed ADC voltage
of the baseband chip can limit the detection range at higher
power levels. By adjusting the feedback resistor R
FB of
Figure 1 the upper end of the range can be shifted. This is
valid until the detector cell inside the LMV232 is the limiting
factor.
The middle section of the error curve shows a small error
variation. This is the section where the detector is used and
is called the detection range of the detector. This range is
limited on both sides by a maximum allowed error.
For low input power levels, the variation of output voltage is
very small. Therefore the measurement resolution ADC is
important in order to measure those small variations. Offsets
and temperature variation impact the accuracy at low power
levels as well.
DETECTION ERROR OVER TEMPERATURE
Like any power detector device, the output signal of the
LMV232 mean square power detector shows some residual
variation over temperature that limits it’s dynamic range. The
variation determines the accuracy and range of input power
levels for which the detector produces an accurate output
signal.
The error over temperature is mainly caused by the variation
of the pedestal voltage. Besides this, a minimal error contri-
bution leads back to the conversion gain variation of the
detector. This conversion gain error is visible in the mid-
power range, where the temperature error curves of Figure 3
run parallel to each other. Since the conversion gain varia-
tion is acceptable, the focus will be on the pedestal voltage
variation over temperature.
20127884
FIGURE 2. Detection Curve
20127869
FIGURE 3. Input referred Error vs. RF Input Power
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com