Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV232 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV232
Description  Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV232 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV232 Datasheet HTML 1Page - National Semiconductor (TI) LMV232 Datasheet HTML 2Page - National Semiconductor (TI) LMV232 Datasheet HTML 3Page - National Semiconductor (TI) LMV232 Datasheet HTML 4Page - National Semiconductor (TI) LMV232 Datasheet HTML 5Page - National Semiconductor (TI) LMV232 Datasheet HTML 6Page - National Semiconductor (TI) LMV232 Datasheet HTML 7Page - National Semiconductor (TI) LMV232 Datasheet HTML 8Page - National Semiconductor (TI) LMV232 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
V
DD - GND
3.6V Max
ESD Tolerance (Note 2)
Human Body Model
2000V
Machine Model
200V
Storage Temperature Range
-65˚C to 150˚C
Junction Temperature (Note 3)
150˚C Max
Mounting Temperature
Infrared or Convection (20 sec)
235˚C
Operating Ratings (Note 1)
Supply Voltage
2.5V to 3.3V
Operating Temperature Range
-40˚C to +85˚C
RF Frequency Range
50 MHz to 2 GHz
2.7 DC and AC Electrical Characteristics
Unless otherwise specified, all limits are guaranteed to V
DD = 2.7V; TJ = 25˚C. Boldface limits apply at temperature extremes.
(Note 4)
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
DD
Supply Current
Active Mode: SD = LOW, No RF Input
Power Present
9.8
11
13
mA
Shutdown: SD = 1.8V, No RF Input
Power Present
0.09
5
30
µA
V
LOW
BS and SD Logic Low Level
(Note 6)
0.8
V
V
HIGH
BS and SD Logic High Level
(Note 6)
1.8
V
I
BS,ISD
Current into BS and SD pins
5
µA
V
OUT
Output Voltage Swing
From Positive Rail, Sourcing,
FB = 0V, I
OUT =1mA
20
80
90
mV
From Negative Rail, Sinking,
FB = 2.7V, I
OUT =−1mA
20
60
70
mV
I
OUT
Output Short Circuit
Sourcing, FB = 0V, V
OUT = 2.6V
3.7
2.7
5.1
mA
Sinking, FB = 2.7V, V
OUT = 0.1V
3.7
2.7
5.5
V
OUT
Output Voltage (Pedestal)
No RF Input Power
235
230
254
275
280
mV
V
PED
Pedestal Variation Over
Temperature (Note 10)
5.4
mV
I
OS
Offset Current Variation Over
Temperature (Note 10)
1.17
µA
t
ON
Turn-on-Time (Note 9)
No RF Input Power Present, Output
Loaded with 10 pF
2.0
6.0
µs
t
R
Rise Time (Note 7)
Step from No Power to 0 dBm
Applied, Output Loaded with 10 pF
4.5
µs
e
n
Output Referred Voltage Noise RF Input = 1800 MHz, -10 dBm,
Measured at 10 kHz
400
nV/
GBW
Gain Bandwidth Product
3.7
MHz
SR
Slew Rate
1.8
1.0
3.0
V/µs
R
IN
DC Resistance
(Note 7)
50.8
Ω
P
IN
RF Input Power Range
RF Input Frequency = 900 MHz
-11
+13
dBm
-24
0
dBV
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com