Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV232 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV232
Description  Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV232 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV232 Datasheet HTML 1Page - National Semiconductor (TI) LMV232 Datasheet HTML 2Page - National Semiconductor (TI) LMV232 Datasheet HTML 3Page - National Semiconductor (TI) LMV232 Datasheet HTML 4Page - National Semiconductor (TI) LMV232 Datasheet HTML 5Page - National Semiconductor (TI) LMV232 Datasheet HTML 6Page - National Semiconductor (TI) LMV232 Datasheet HTML 7Page - National Semiconductor (TI) LMV232 Datasheet HTML 8Page - National Semiconductor (TI) LMV232 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LMV232
Dual-Channel Integrated Mean Square Power Detector
for CDMA & WCDMA
General Description
The LMV232 dual RF detector is designed for RF transmit
power measurement in mobile phones. This dual mean
square IC is especially suited for accurate power measure-
ment of RF signals exhibiting high peak-to-average ratios
used in 3G and UMTS/CDMA applications. The LMV232
saves calibration steps and system certification and is highly
accurate. The circuit operates with a single supply from 2.5
to 3.3V.
The LMV232 contains a mean square detector with two
sequentially selectable RF inputs. The RF input power range
of the device has been optimized for use with a 20 dB
directional coupler, without the need for additional external
components. A single external RC combination between FB
and OUT provides an externally configurable gain and LF
filter bandwidth of the device.
The device has two digital interfaces. A shutdown function is
available to set the device in a low-power shutdown mode. In
case SD = HIGH, the device is in shutdown, if SD = LOW the
device is active. The Band-Select function controls the se-
lection of the active RF input channel. In case BS = HIGH,
RF
IN1 is active. In case BS = LOW, RFIN2 is active.
The dual mean square detector is offered in an 8-bump
micro SMD 1.5 x 1.5 x 0.6 mm package. This micro SMD
package has the smallest footprint and height.
Features
n >
20 dB square-law detection range
n
2 sequentially selectable RF inputs
n
Low power consumption shutdown mode
n
Externally configurable gain and LF filter bandwidth.
n
Internal 50
Ω RF termination impedance
n
Optimized for use with 20 dB directional coupler
n
Lead free 8-bump micro SMD package 1.5 x 1.5 x 0.6
mm
Applications
n
3G mobile communications
n
UMTS
n
WCDMA
n
CDMA2000
n
TD-SCDMA
n
RF control
n
Wireless LAN
n
PC Card and GPS modules
Typical Application
20127801
February 2005
© 2005 National Semiconductor Corporation
DS201278
www.national.com


Similar Part No. - LMV232

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV232 TI2-LMV232 Datasheet
751Kb / 19P
LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
REVISED MARCH 2013
LMV232TL/NOPB TI1-LMV232TL/NOPB Datasheet
1Mb / 20P
LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
LMV232TL/NOPB TI2-LMV232TL/NOPB Datasheet
751Kb / 19P
LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
REVISED MARCH 2013
LMV232TL/NOPB.A TI2-LMV232TL/NOPB.A Datasheet
751Kb / 19P
LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
REVISED MARCH 2013
LMV232 TI-LMV232_15 Datasheet
1Mb / 20P
LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
More results

Similar Description - LMV232

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV225 NSC-LMV225 Datasheet
1Mb / 21P
RF Power Detector for CDMA and WCDMA
LMV227 NSC-LMV227 Datasheet
739Kb / 12P
Production RF Tested, RF Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMV225SDX TI-LMV225SDX Datasheet
947Kb / 30P
LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV225SD TI-LMV225SD Datasheet
947Kb / 30P
LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV225 TI1-LMV225_14 Datasheet
1Mb / 30P
RF Power Detector for CDMA and WCDMA
LMV225 TI-LMV225_15 Datasheet
2Mb / 37P
LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV232 TI-LMV232_15 Datasheet
1Mb / 20P
LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
LMV225 TI1-LMV225_16 Datasheet
2Mb / 37P
LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV232 TI1-LMV232_16 Datasheet
1Mb / 20P
LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
LMV225 TI1-LMV225 Datasheet
2Mb / 39P
RF Power Detector for CDMA and WCDMA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com