Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8092BCGWSC Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT8092BCGWSC
Description  High Efficiency Step-Down Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8092BCGWSC Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT8092BCGWSC Datasheet HTML 5Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 6Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 7Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 8Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 9Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 10Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 11Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 12Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
RT8092
9
DS8092-03 January 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage Accuracy in
Low Power Mode
VOUT
VIN  VOUT + 1V, 0A < IOUT < 1mA
5
--
5
%
P-Channel On-Resistance
RDS(ON)_P
VIN = 3.6V, IOUT = 200mA
--
40
--
m
N-Channel On-Resistance
RDS(ON)_N
VIN = 3.6V, IOUT = 200mA
--
20
--
m
P-Channel Current Limit
ILIM_P
0x16.IPEAK[1:0] = 2’b11
--
6.2
--
A
Under-Voltage Lockout
Threshold (Falling)
UVLO_F
PVIN falling
--
2.3
--
V
UVLO Hysteresis gap
UVLO_Hys
--
0.1
--
V
Oscillator Frequency
fOSC
VIN = 3.6V
--
3
--
MHz
Maximum Duty Cycle
100
--
--
%
Start-Up Time
tST
VOUT = 1V, from EN going high to
90% of nominal VOUT
--
420
--
s
VOUT Power Good
Threshold (Rising)
Nominal VOUT Ratio
--
90
--
%
Power Conversion
Efficiency
5V to 2.8V and Load = 1.5A
--
90
--
%
5V to 1V and Load = 1.5A
--
82
--
Line Regulation
--
0.25
--
%/V
Load Regulation
--
0.25
--
%/A
Load Transient Drop
5V to 2.8V and Load Current step
1.5A in 10
s Rising Time
--
50
--
mV
Output Discharge Resistor
ROD
EN = GND, VOUT = 2.8V
--
40
--

Thermal Shutdown
Threshold
TSD
--
150
--
°C
Thermal Shutdown
Hysteresis
TSD
--
20
--
°C
EN, VSEL Pull Low Current
--
1
--
A
EN, VSEL
Input Voltage
Logic-High
1.05
--
--
V
Logic-Low
--
--
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com