Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8092BCGWSC Datasheet(PDF) 20 Page - Richtek Technology Corporation

Part # RT8092BCGWSC
Description  High Efficiency Step-Down Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8092BCGWSC Datasheet(HTML) 20 Page - Richtek Technology Corporation

Back Button RT8092BCGWSC Datasheet HTML 16Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 17Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 18Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 19Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 20Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 21Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 22Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 23Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 24Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
RT8092
20
DS8092-03
January 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Register
Address
Register
Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
0x12
Meaning
Reserved Reserved Reserved Discharge Reserved Reserved Reserved Reserved
Default
x
x
x
1
x
x
x
x
Read/Write
R/W
Discharge
Control the enabling of the LX discharge path when step-down converter is turned off.
0 : Disable discharge path.
1 : Enable discharge path.
Note. If there is a standby power at VOUT pin, it is suggest to disable this function.
Register
Address
Register
Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
0x14
Meaning
PWM0
PWM1
Reserved Reserved Reserved Reserved Reserved Reserved
Default
0
0
x
x
x
x
x
x
Read/Write
R/W
R/W
PWM0
When VSEL = Low, it is used to control PWM operation mode of step-down converter
0 : step-down converter would automatically switch the operation mode among CCM
(forced PWM), DCM, and PSM.
1 : step-down converter works only at the forced PWM.
PWM1
When VSEL = High, it is used to control PWM operation mode of step-down converter
0 : step-down converter would automatically switch the operation mode among CCM
(forced PWM), DCM, and PSM.
1 : step-down converter works only at the forced PWM.
Register
Address
Register
Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
0x16
Meaning
IPEAK[1:0]
Reserved Reserved Reserved Reserved Reserved Reserved
Default
1
1
x
x
x
x
x
x
Read/Write
R/W
R/W
IPEAK[1:0]
Set inductor peak current limit.
00 : 4.7A
01 : 5.2A
10 : 5.7A
11 : 6.2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com