Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8092BCGWSC Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8092BCGWSC
Description  High Efficiency Step-Down Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8092BCGWSC Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8092BCGWSC Datasheet HTML 1Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 2Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 3Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 4Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 5Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 6Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 7Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 8Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
RT8092
2
DS8092-03
January 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Applications
Cellular Telephones
Personal Information Appliances
Wireless and DSL Modems
MP3 Players
Portable Instruments
Dedicated Hardware Pin to Immediately Switch
Nominal Output Voltage Setting
Output Discharging when Turning Off
Over-Current Protection

OC Level Settable
Over-Temperature Protection
Integrated Soft-Start Function
Enabling Control by Enable Pin and I
2C Register
Setting by Software
I
2C Interface

I
2C Communication allowed Even in Off-State
(EN = L)

Support Fast Mode (400kbps)

Registers Setting Retained in Off-State (EN = L)
RoHS Compliant and Halogen Free
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
RT8092
Package Type
WSC : WL-CSP-15B 1.2x2 (BSC)
QW: WQFN-14L 3.5x3.5 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
(For WQFN-14L 3.5x3.5 Only)
VSEL Option
VSEL = High / Low, the target voltage
follows as below table.
Default : 2.8V / 1V
JC : 1.8V / 1.2V
UR : 2.8V / 2.5V
BA : 1.1V / 1.0V
BC : 1.1V / 1.2V
WA : 3.0V / 1.0V
DC : 1.3V / 1.2V
XY : 0.9V / 0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com