Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8092BCGWSC Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT8092BCGWSC
Description  High Efficiency Step-Down Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8092BCGWSC Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT8092BCGWSC Datasheet HTML 11Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 12Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 13Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 14Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 15Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 16Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 17Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 18Page - Richtek Technology Corporation RT8092BCGWSC Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
RT8092
15
DS8092-03 January 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
The basic RT8092 application circuit is shown in Typical
Application Circuit. External component selection is
determined by the maximum load current and begins with
the selection of the inductor value and operating frequency
followed by CIN and COUT.
Inductor Selection
The inductor value and operating frequency determine the
current ripple according to a specific input and output
voltage. The ripple current,
ΔIL, increases with higher VIN
and decreases with higher inductance, as shown in
equation below :

OUT
IN
OUT
L
IN
VV
V
1
I =
fV
L
where f is the switch frequency and L is the inductance.
Having a lower ripple current reduces not only the ESR
losses in the output capacitors, but also the output voltage
ripple. Higher operating frequency combined with smaller
ripple current is necessary to achieve high efficiency. The
largest ripple current occurs at the highest VIN. To
guarantee that the ripple current stays below the specified
ΔIL(MAX), the inductor value should be chosen according to
the following equation :

IN(MAX)
OUT
OUT
IN(MAX)
L(MAX)
VV
V
1
L =
fV
I
The inductor's current rating (defined by a temperature
rise from 25
°C ambient to 40°C) should be greater than
the maximum load current and its saturation current should
be greater than the short-circuit peak current limit. Refer
to Table 1 for the suggested inductor selection.
Inductor Value
Component Supplier / Part Number
Dimensions
(LxWxH mm)
ISAT(L-30%) / DCR
0.33
H
Coilcraft / XFL4015-331
4.0x4.0x1.5
7A / 6.8m
0.47
H
Coilcraft / XFL4015-471
4.0x4.0x1.5
5.4A / 7.6m
0.47
H
SUMIDA / CDMCDS-R47MC
2.5x2.0x1.2
4.8A / 15.0 m
0.47
H
TDK / TFM252010G
2.5x2.0x1.0
4.5A / 24.0m
Table 1. Suggested Inductors for Typical Application Circuit
Input and Output Capacitor Selection
An input capacitor, CIN, is needed to filter out the
trapezoidal current at the source of the high-side MOSFET.
To prevent large ripple current, a low ESR input capacitor
sized for the maximum RMS current should be used. The
RMS current is given by :

OUT
IN
RMS
OUT(MAX)
IN
OUT
V
V
I
= I
1
VV
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT(MAX) / 2. This simple worst-case condition is
commonly used for design. Choose a capacitor rated at a
higher temperature than required. Several capacitors may
also be paralleled to meet the size or height requirements
of the design. Ceramic capacitors have high ripple current,
high voltage rating and low ESR, which makes them ideal
for switching regulator applications. However, they can
also have a high voltage coefficient and audible
piezoelectric effects. The high Q of ceramic capacitors
with trace inductance can lead to significant ringing. When
a ceramic capacitor is used at the input and the power is
supplied by a wall adapter through long wires, a load step
at the output can induce ringing at the input, VIN. At best,
this ringing can couple to the output and be mistaken as
loop instability. At worst, a sudden inrush of current
through the long wires can potentially cause a voltage
spike at VIN large enough to damage the part. Thus, care
must be taken to select a suitable input capacitor.
The selection of COUT is determined by the required ESR
to minimize output voltage ripple. Moreover, the amount



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com