Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2115 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # M2115
Description  LINEAR INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2115 Datasheet(HTML) 3 Page - Unisonic Technologies

  M2115 Datasheet HTML 1Page - Unisonic Technologies M2115 Datasheet HTML 2Page - Unisonic Technologies M2115 Datasheet HTML 3Page - Unisonic Technologies M2115 Datasheet HTML 4Page - Unisonic Technologies M2115 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UTCM2115
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R105-021,A
TYPICAL CHARACTERISTICS
-50
0
5
Operating Current vs.Temperature
(V+/V-=±2.5V,Ta=25℃)
25
-25
50
75
1
4
Ambient Temperature, Ta (℃)
3
2
0
-50
0
2
Maximum Output Voltage Swing vs.Temperature
(V+/V-=±2.5V,RL=2.5kΩ)
25
-25
50
75
-2
1
Ambient Temperature, Ta(℃)
0
-1
-3
3
6
100
100
-50
0
2
Input Offset Voltage vs.Temperature
(V+/V-=±2.5V,RL=10kΩ)
25
-25
50
75
-2
1
Ambient Temperature, Ta(℃)
0
-1
3
100
-50
0
120
Input Bias Current vs.Temperature
(V+/V-=±2.5V)
25
-25
50
75
Ambient Temperature, Ta(℃)
100
80
60
40
20
0
100
120
60
80
100
40
0
100
1k
1M
20
Frequency, f (Hz)
Voltage Gain vs.Frequency
(V+/V-=±12.5V,Ta=25℃)
10k
100k
50
20
30
40
10
0
10k
1
100k
Frequency, f (Hz)
Voltage Gain,Phase vs.Frequency
(V+/V-=±2.5V,Ta=25℃)
5k
50k
500k 1M
0
-40
-80
-120
-160
-200
-
+
100k
1k
1k
2.5k
Vo



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com