Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2115 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # M2115
Description  LINEAR INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2115 Datasheet(HTML) 4 Page - Unisonic Technologies

  M2115 Datasheet HTML 1Page - Unisonic Technologies M2115 Datasheet HTML 2Page - Unisonic Technologies M2115 Datasheet HTML 3Page - Unisonic Technologies M2115 Datasheet HTML 4Page - Unisonic Technologies M2115 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UTCM2115
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R105-021,A
10k
3
Maximum Output Voltage swing vs. Load Resistance
(V+/V-=±2.5V,Ta=25℃)
100k
1k
2
Load Resistance, RL (kΩ)
1
-0
-1
-2
-3
5.0
3.0
10k
1k
Frequency, f (Hz)
Maximum Output Voltage Swing vs.Frequency
(V+/V-=±2.5V,RL=2.5kΩTa=25℃)
100
100k
1M
4.0
2.0
1.0
0.02
0.1
0.06
Total Harmonic Distortion vs.Ouput Voltage
(V+/V-=±3V,RL=2.4kΩ,Gain=10dB,Ta=25℃)
0.5
0.05
1
5
0.01
Output Voltage, Vo (Vrms)
0.001
20kHz
1kHz
20Hz
10
1
100
1k
Source Resistance, Rg (Ω)
Equivalent Input Noise Voltage vs.Source Resistance
(V+/V-=±3V,Ta=25℃)
50
500
5k 10k
-
+
100k
100
Rg
0
5
Operating Current vs.Operating Voltage
(Ta=25℃)
±
2
1
4
Operating Voltage, V+/V- (V)
3
2
0
±
4
±
6
±
8
±
10
±
12
6
2
Input Offset Voltage vs.Operating Voltage
(Ta=25℃,RL=10kΩ)
-2
1
0
-1
3
-3
Operating Voltage, V+/V- (V)
0
±
2
±
4
±
6
±
8
±
10
±
12



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com