Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2115 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # M2115
Description  LINEAR INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2115 Datasheet(HTML) 2 Page - Unisonic Technologies

  M2115 Datasheet HTML 1Page - Unisonic Technologies M2115 Datasheet HTML 2Page - Unisonic Technologies M2115 Datasheet HTML 3Page - Unisonic Technologies M2115 Datasheet HTML 4Page - Unisonic Technologies M2115 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UTCM2115
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R105-021,A
EQUIVALENT CIRCUIT (1/2 Shown)
- INPUT
+ INPUT
V -
V +
OUTPUT
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V+/V-
±
7.0
V
Differential Input Voltage
VID
±
14
V
Power Dissipation
DIP-8
SOP-8
TSSOP-8
PD
500
300
250
mW
Operating Temperature Range
Topr
-40 ~ +85
°C
Storage Temperature Range
Tstg
-40 ~ +125
°C
ELECTRICAL CHARACTERISTICS (V
+/V- =±2.5V, Ta=25℃)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX UNIT
Input Offset Voltage
VIO
Rs≤10kΩ
1
6
mV
Input Bias Current
IB
100
300
nA
Large Signal Voltage Gain
Av
RL≥10kΩ
60
80
dB
Maximum Output Voltage Swing
VOM
RL≥2.5kΩ
±
2
±
2.2
V
Input Common Mode Voltage Range
VICM
±
1.5
V
Common Mode Rejection Ratio
CMR
60
74
dB
Supply Voltage Rejection Ratio
SVR
60
80
dB
Operating Current
Icc
VIN=0,RL=∞
3.5
5
mA
Slew Rate
SR
Av=1,VIN=±1V
4
V/μs
Gain Bandwidth product
GB
f=10kHz
12
MHz
Note 1:Applied circuit voltage gain is desired to be operated within the range of 3dB to 30dB.
Note 2:Special care being required for input common mode voltage range and the oscillation due to the capacitive
load when operating follower.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com