Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2115 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M2115
Description  LINEAR INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2115 Datasheet(HTML) 1 Page - Unisonic Technologies

  M2115 Datasheet HTML 1Page - Unisonic Technologies M2115 Datasheet HTML 2Page - Unisonic Technologies M2115 Datasheet HTML 3Page - Unisonic Technologies M2115 Datasheet HTML 4Page - Unisonic Technologies M2115 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UTCM2115
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R105-021,A
DUAL OPERATIONAL AMPLIFIER
DESCRIPTION
The UTC M2115 is a low operating Voltage(±1.0V
min.) and low saturation output voltage(±2.0V p-p at
supply voltage ± 2.5V) operational amplifier. It is
applicable to handy type CD,radio cassete CD, and
portable DAT, that are digital audio apparatus which
require the 5V single supply operation and high output
voltage. The UTC M2115 is improved version of the UTC
M2100 about BIAS-CIRCUIT. So the UTC M2115 is low
saturation compared to the UTC M2100 under the
condition of low supply voltage(< ± 2.5V).The
UTC
M2115 is stable about the oscillation compared to the
UTC M2100 under the condition of V+/V- >2.5V.
FEATURES
* Operating Voltage: ±1V ~±7V
*Low Saturation Output Voltage: ±2.0Vp-p@V+=±2.5V
*Slew Rate: 4V/μs (typ.)
*Unity Gain Bandwidth: 12MHz (typ.)
DIP-8
SOP-8
TSSOP-8
PIN CONFIGURATION
A OUTPUT
A -INPUT
A +INPUT
V -
V +
B OUTPUT
B -INPUT
B +INPUT
1
2
3
4
8
7
5
6
A
-
+
B
+ -


Similar Part No. - M2115

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M2115 UTC-M2115 Datasheet
146Kb / 3P
DUAL OPERATIONAL AMPLIFIER
logo
RAF ELECTRONIC HARDWARE
M2115-2545-AL RAF-M2115-2545-AL Datasheet
86Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
M2115-2545-SS RAF-M2115-2545-SS Datasheet
86Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
M2115-3005-AL RAF-M2115-3005-AL Datasheet
92Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
M2115-3005-N RAF-M2115-3005-N Datasheet
92Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
More results

Similar Description - M2115

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com