Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS52015 Datasheet(PDF) 2 Page - First Components International

Part # CS52015
Description  CS-52015 1.5Amp Low Dropout Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

CS52015 Datasheet(HTML) 2 Page - First Components International

  CS52015 Datasheet HTML 1Page - First Components International CS52015 Datasheet HTML 2Page - First Components International CS52015 Datasheet HTML 3Page - First Components International CS52015 Datasheet HTML 4Page - First Components International CS52015 Datasheet HTML 5Page - First Components International CS52015 Datasheet HTML 6Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
I
Electrical Characteristics at LOAD = 0 mA and TJ = +25
unless otherwise specified.
The * denotes the specifications which apply over the full temperature range.
PARAMETER
Device
Test Conditions
Min
Typ
Max
Units
Reference Voltage
Output Voltage
Line Regulation
Load Regulation
Minimum Load
CS52015
CS52015
Cs52015
Current (Note 2)
All fixed
All
All
All
All
All
All
All
All fixed
Versions
(Note3)
Note 1:
Note 2:
Note 3:
Note 4:
Unless otherwise specified Vout = Vsense. For CS52015 (adj) Vadj = OV
For the adjustable device the minimum load current is the minimum current required to maintain regulation.Normally
the current in the resistor divider used to set the output voltage is selected to meet the minimum load current
requirement.
The control pin current is the drive current required for the output transistor. This current will track output current
with a ratio of about 1:100
The dropout voltage for the CS52015 is caused by either minimum control voltage or minimum power voltage.
The specifications represent the minimum input /output voltage required to maintain 1% regulation.
Control Pin Current
Ground Pin Current
Adjust Pin Current
Current Limit
Control Input
Power Input
Ripple Rejection
Thermal Regulation
Dropout Voltage
Versions
CS52015
V
= 2.75V,
V
I
CONTROL
POWER
LOAD
= 2V,
= 10mA
V
= 2.7V to12V,
CONTROL
V
V
+
V
V
+
= OUT 1.5V, POWER = OUT O.5V,
CONTROL
V
V
+
V
V
+
= OUT 1.5V, POWER = OUT O.8V,
CONTROL
V
V
+
V
V
+
= OUT 2.5V, POWER = OUT O.8V,
CONTROL
V
V
+
V
V
+
= OUT 2.5V, POWER = OUT O.8V,
CONTROL
V
V
+
V
V
+
= OUT 2.5V, POWER = OUT O.8V,
CONTROL
V
V
+
V
= OUT 2.75V, POWER = 2.05V,
CONTROL
V
V
+
I
= OUT 2.5V, LOAD = 1.5A
CONTROL
V
V
V
V
V
=
POWER
= OUT+ 2.5V, RIPPLE=1 P-P
CONTROL
V
V
V
= 5V, POWER = 3.3V, ADJ =OV
CONTROL
VCONTROL 12V,
ILOAD = O mA to 1.5A,
ILOAD = 10 mA to 1.5A,
ILOAD = 10 mA to 1.5A,
ILOAD = 10 mA
ILOAD = 750 mA
TA = 25 ,30 ms pulse
V V
( IN- OUT) = 3V
ILOAD = 10 mA to 1.5A,
I
V
LOAD
= 10 mA,(1.5V+ OUT)
-
V
V
0.8V ( POWER OUT) 5.5V
VPOWER
I
= 3.3V to 5.5V, LOAD = 10mA to 1.5A
VPOWER V
I
= OUT + O.8V, LOAD = 1.5mA
VPOWER V
I
= OUT + O.8V, LOAD = 10mA
V
Variation from nominal OUT
V
Variation from nominal OUT
-
(
V
)
V
CONTROL
OUT
-
(V
V
)
POWER
OUT
Electrical Characteristics
Note 1
*
*
*
*
*
*
*
*
*
*
*
1.238
1.230
-1
-1.6
+1
+1.6
0.20
1.15
1.30
0.70
0.40
5
30
10
120
6
50
2.3
80
0.003
1.5
60
0.04
1.00
1.15
0.55
0.08
1.7
1.250
1.250
1.262
1.270
V
%
%
%
mA
mA
mA
mA
A
dB
V
%/W
CS-52015 1.5Amp Low Dropout Positive Voltage Regulator



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com