Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS52015 Datasheet(PDF) 1 Page - First Components International

Part # CS52015
Description  CS-52015 1.5Amp Low Dropout Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

CS52015 Datasheet(HTML) 1 Page - First Components International

  CS52015 Datasheet HTML 1Page - First Components International CS52015 Datasheet HTML 2Page - First Components International CS52015 Datasheet HTML 3Page - First Components International CS52015 Datasheet HTML 4Page - First Components International CS52015 Datasheet HTML 5Page - First Components International CS52015 Datasheet HTML 6Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Adjustable or Fixed Output
Output Current of 1.5A
Low Dropout,700 mV at 1.5A Output Current
0.04% Line Regulation
0.1% Load Regulation
100% Thermal Limit Burn-In
Fast Transient Response
Remote Sense
FEATURES
DESCRIPTION
The CS52015 series of positive adjustable and
fixed regulators are designed to provide 1.5A with
higher efficiency than currently available devices.
All internal circuitry is designed to operate down to
700 mV input to output differential and the dropout
voltage is fully specified as a function of load current.
Dropout voltage of the device is 100 mV at light loads
and rising to 700 mV at maximum output current. A
second low current input is required to achieve this
dropout.The CS52015 can also be used as a single
supply device (3 pin version).
5v
3.3v
2.5v,1.5A
R1
124
1%
R2
124
1%
0.1F
5V
10F
5V
1F
10V
150F
5V
Typical application data
2.5V,1.5A regulator
Load
VCONTROL
VPOWER
V
=V
(1+R2/R1)+I
R2
OUT
REF
ADJ
V SENSE
VOUT
CS52015
Adjust
3
2
1
FRONT VIEW
SOT-223
IN
OUT
ADJ/GND
TAB IS
VOUT
3
2
1
FRONT VIEW
T0-263
IN
OUT
ADJ/GND
TAB IS
VOUT
3
2
1
FRONT VIEW
3 LEAD TO-220
VIN
VOUT
ADJ/GND
5
4
3
2
1
FRONT VIEW
5 LEAD TO-220
VPOWER
VCONTROL
ADJUST/GND
SENSE
OUTPUT
Sym bol
PD
VIN
TJ
TSTG
TLEAD
Storage Temperature
Lea d Temper atu re(Soldering, 10 sec)
-65 to 150
300
Units
W
V
Parameter
Power Dissipation
Input Voltage
Vpower
Vcontrol
Operating Junction Temperature Range
Control Section
Power Transistor
Maximum
Internally Limited
7
13
0 to 125
0 to 150
Absolute Maximum Ratings
CS-52015 1.5Amp Low Dropout Positive Voltage Regulator


Similar Part No. - CS52015

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS52015-1 CHERRY-CS52015-1 Datasheet
173Kb / 7P
1.5A Adjustable Linear Regulator
Rev. 2/17/98
logo
ON Semiconductor
CS52015-1 ONSEMI-CS52015-1 Datasheet
242Kb / 9P
1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
logo
Cherry Semiconductor Co...
CS52015-1GDP3 CHERRY-CS52015-1GDP3 Datasheet
173Kb / 7P
1.5A Adjustable Linear Regulator
Rev. 2/17/98
logo
ON Semiconductor
CS52015-1GDP3 ONSEMI-CS52015-1GDP3 Datasheet
242Kb / 9P
1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
logo
Cherry Semiconductor Co...
CS52015-1GDPR3 CHERRY-CS52015-1GDPR3 Datasheet
173Kb / 7P
1.5A Adjustable Linear Regulator
Rev. 2/17/98
More results

Similar Description - CS52015

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC55 TELCOM-TC55 Datasheet
50Kb / 3P
LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1118 TSC-TS1118 Datasheet
144Kb / 6P
500mA Low Dropout Positive Voltage Regulator
TS1117B TSC-TS1117B_07 Datasheet
514Kb / 9P
800mA Low Dropout Positive Voltage Regulator
logo
International Rectifier
OM7671STM IRF-OM7671STM Datasheet
188Kb / 4P
Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS7805AJ ORISTER-RS7805AJ Datasheet
794Kb / 12P
1.0A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
1A Low Dropout Positive Voltage Regulator
PL1085-XXXFP CYSTEKEC-PL1085-XXXFP Datasheet
297Kb / 5P
3A Low Dropout Positive Voltage Regulator
logo
Hangzhou Youwang Electr...
UTC1117 YOUWANG-UTC1117 Datasheet
96Kb / 7P
LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com