Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS52015 Datasheet(PDF) 6 Page - First Components International

Part # CS52015
Description  CS-52015 1.5Amp Low Dropout Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

CS52015 Datasheet(HTML) 6 Page - First Components International

  CS52015 Datasheet HTML 1Page - First Components International CS52015 Datasheet HTML 2Page - First Components International CS52015 Datasheet HTML 3Page - First Components International CS52015 Datasheet HTML 4Page - First Components International CS52015 Datasheet HTML 5Page - First Components International CS52015 Datasheet HTML 6Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
ORDER INFORMATION
Device
CS52015ST
CS52015T
CS52015T1
CS52015DP
CS52015ST-1.5
CS52015T-1.5
CS52015T1-1.5
CS52015DP
CS52015ST-1.8
CS52015T-1.8
CS52015T1-1.8
CS52015DP-1.8
CS52015ST-3
CS52015T-3
CS52015T1-3
CS52015DP-3
CS52015ST-3.3
CS52015T-3.3
CS52015T1-3.3
CS52015DP-3.3
CS52015ST-3.5
CS52015T-3.5
CS52015T1-3.5
CS52015DP-3.5
CS52015ST-5
CS52015T-5
CS52015T1-5
CS52015DP-5
SOT-223
TO-220
TO-220-5
TO-263
SOT-223
TO-220
TO-220-5
TO-263
SOT-223
TO-220
TO-220-5
TO-263
SOT-223
TO-220
TO-220-5
TO-263
SOT-223
TO-220
TO-220-5
TO-263
SOT-223
TO-220
TO-220-5
TO-263
SOT-223
TO-220
TO-220-5
TO-263
Adj
Adj
Adj
Adj
1.5V
1.5V
1.5V
1.5V
1.8V
1.8V
1.8V
1.8V
CS52015ST-2.85
CS52015T-2.85
CS52015T1-2.85
CS52015DP-2.85
SOT-223
TO-220
TO-220-5
TO-263
2.85V
2.85V
2.85V
2.85V
3V
3V
3V
3V
3.3V
3.3V
3.3V
3.3V
3.5V
3.5V
3.5V
3.5V
5V
5V
5V
5V
CS52015ST-2.5
CS52015T-2.5
CS52015T1-2.5
CS52015DP-2.5
SOT-223
TO-220
TO-220-5
TO-263
2.5V
2.5V
2.5V
2.5V
Output Voltage
Package
ORDER INFORMATION
CS-52015 1.5Amp Low Dropout Positive Voltage Regulator



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com