Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS52015 Datasheet(PDF) 5 Page - First Components International

Part # CS52015
Description  CS-52015 1.5Amp Low Dropout Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

CS52015 Datasheet(HTML) 5 Page - First Components International

  CS52015 Datasheet HTML 1Page - First Components International CS52015 Datasheet HTML 2Page - First Components International CS52015 Datasheet HTML 3Page - First Components International CS52015 Datasheet HTML 4Page - First Components International CS52015 Datasheet HTML 5Page - First Components International CS52015 Datasheet HTML 6Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Output Voltage
The CS52015 (adjustable version) develops a 1.25V
reference voltage between the sense pin and the
Adjust pin (Figure 4). Placing a resistor between
these two terminals causes a constant current to
flow though R1 and down though R2 to set the
output voltage. In general R1 is chosen so that this
current is the specified minimum load current of
5 mA. The current out of the Adjust pin is small,
typically 50
A and it adds to the current from R1.
For best regulation the top of the resistor divider
should be connected directly to the Sense pin.
Protection Diodes
In normal operation CS52015 family does not need
any protection diodes between the adjustment pin
and the output and from the output to the input to
prevent die overstress. Internal resistors are
limiting the internal current paths on the ADJ
A protection diode between the output pin and
VPOWER pin is not usually needed.Microsecond
surge currents of 50A to 100A can be handled by
the internal diode between the the output pin and
VPOWER pin of the device.In normal operations it is
Pin.
Therefore even with bypass capacitors on the adjust
pin no protection diode is needed to ensure device
safety under short-circuit conditions. The Adjust
pin can be driver on a transient basis
7V with
respect to the output without any device degradation.
difficult to get those values of surge currents even
with
the use of
large output capacitances. Only
with high value output capacitors, such as 1000
F
to 5000
F and the VPOWER pin is instantaneously
shorted to ground, damage can occur.A diode from
output to input is recommended (Figure 5).
If CS52015 is connected as a single supply device
with the control and power input pins shorted
together the internal diode between the output and
the power input pin will protect the control input
pin.
Thermal Considerations
The CS52015 series have internal power and thermal
limiting circuitry designed to protect the device
under overload
conditions. However
maximum
junction temperature ratings should not be exceeded
under continuous normal load conditions. Careful
consideration junction to ambient, including junction
-to-case, case-to-heat sink inerface and heat sink
resistance itself.
Junction temperature of the Control section can run
up to 125
. Junction temperature of the power
section can run up to 150
.
V POWER
Figure 4. Setting Output Voltage
POWER
OUTPUT
CS52015
ADJ1 SENSE
V CONTROL
IADJ
50A
CONTROL
V OUT
V REF
R1
R2
=
VV
I
R
OUT
REF(1+R2/R1)+ ADJ 2
V POWER
Figure 5. Optional Clamp Diodes Protect Against Input
Crowbar Circuits
POWER
OUTPUT
Cs52015
ADJ1 SENSE
V CONTROL
IADJ
50A
=
VV
I
R
OUT
REF(1+R2/R1)+ ADJ 2
CONTROL
V OUT
V REF
R1
R2
CS-52015 1.5Amp Low Dropout Positive Voltage Regulator



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com