Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 171 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 171 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 167Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 168Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 169Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 170Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 171Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 172Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 173Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 174Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 175Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 274 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Programmable I/O Port
171
Pin name
Connection
Ports P0 to P10
(excluding P85)
XOUT (Note)
AVSS, VREF, BYTE
AVCC
After setting for input mode, connect every pin to VSS via a resistor
(pull-down); or after setting for output mode, leave these pins open.
Open
Connect to VCC
Connect to VSS
Note: With external clock input to XIN pin.
NMI
Connect via resistor to VCC (pull-up)
Table 1.20.1. Example connection of unused pins in single-chip mode
Pin name
Connection
Ports P6 to P10
(excluding P85)
AVSS, VREF
AVCC
After setting for input mode, connect every pin to VSS via a resistor
(pull-down); or after setting for output mode, leave these pins open.
Open
Connect to VCC
Connect to VSS
Note 1: With external clock input to XIN pin.
Note 2: When the BCLK output disable bit (bit 7 at address 000416) is set to “1”, connect to VCC via a resistor (pull-up).
HOLD, RDY, NMI
Connect via resistor to VCC (pull-up)
BHE, ALE, HLDA,
XOUT (Note 1), BCLK (Note 2)
P45 / CS1 to P47 / CS3
Set ports to input mode, set output enable bits of CS1 through CS3 to
0, and connect to Vcc via resistors (pull-up).
Figure 1.20.10. Example connection of unused pins
Port P0 to P10 (except for P85)
(Input mode)
·
·
·
(Input mode)
(Output mode)
NMI
XOUT
AVCC
BYTE
AVSS
VREF
Microcomputer
VCC
VSS
In single-chip mode
Port P6 to P10 (except for P85)
(Input mode)
·
·
·
(Input mode)
(Output mode)
NMI
XOUT
AVCC
AVSS
VREF
Open
Microcomputer
VCC
VSS
In memory expansion mode or
in microprocessor mode
HOLD
RDY
ALE
BCLK (Note)
BHE
HLDA
Open
Open
Open
·
·
·
·
·
·
Port P45 / CS1
to P47 / CS3
Note : When the BCLK output disable bit (bit 7 at address 000416) is set to “1”, connect to VCC via a resistor (pull-up).
Table 1.20.2. Example connection of unused pins in memory expansion mode and microprocessor mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com