Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 173 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 173 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 169Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 170Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 171Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 172Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 173Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 174Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 175Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 176Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 177Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 274 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Electrical characteristics
173
Table 1.23.1. Absolute maximum ratings
Note : Specify a product of -40
°C to 85°C to use it.
VREF, XIN
XOUT
VO
-0.3 to Vcc+0.3
-0.3 to Vcc+0.3
Pd
Topr=25
-0.3 to 6.5
-0.3 to 6.5
V
V
V
VI
AVcc
Vcc
Tstg
Topr
mW
V
-65 to 150
300
-20 to 85 / -40 to 85 (Note)
P30 to P37, P40 to P47, P50 to P57,
P60 to P67, P72 to P77, P80 to P87,
P00 to P07, P10 to P17, P20 to P27,
P30 to P37,P40 to P47, P50 to P57,
P60 to P67,P72 to P77, P80 to P84,
P00 to P07, P10 to P17, P20 to P27,
RESET,
P90 to P97, P100 to P107,
P86, P87, P90 to P97, P100 to P107,
P70, P71
P70, P71
-0.3 to 6.5
-0.3 to 6.5
V
V
CNVSS, BYTE,
VCC=AVCC
VCC=AVCC
C
C
C
Symbol
Parameter
Condition
Rated value
Unit
Supply voltage
Analog supply voltage
Input
voltage
Output
voltage
Power dissipation
Operating ambient temperature
Storage temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com