Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 174 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 174 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 170Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 171Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 172Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 173Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 174Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 175Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 176Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 177Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 178Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 274 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Electrical characteristics
174
Note 1: The mean output current is the mean value within 100ms.
Note 2: The total IOL (peak) for ports P0, P1, P2, P86, P87, P9, and P10 must be 80mA max. The total IOH (peak) for ports P0, P1,
P2, P86, P87, P9, and P10 must be 80mA max. The total IOL (peak) for ports P3, P4, P5, P6, P7, and P80 to P84 must be
80mA max. The total IOH (peak) for ports P3, P4, P5, P6, P72 to P77, and P80 to P84 must be 80mA max.
Note 3: Specify a product of -40
°C to 85°C to use it.
Note 4: Relationship between main clock oscillation frequency and supply voltage.
Table 1.23.2. Recommended operating conditions (referenced to VCC = 2.7V to 5.5V at Topr = – 20oC
to 85oC / – 40oC to 85oC(Note 3) unless otherwise specified)
Main clock input oscillation frequency
(Mask ROM, Flash memory 5V version, No wait)
16.0
5.0
0.0
2.7
4.2
5.5
Supply voltage
[V]
(BCLK: no division)
7.33 X VCC - 14.791MHZ
Main clock input oscillation frequency
(Mask ROM, Flash memory 5V version, With wait)
16.0
10.0
0.0
2.7
4.2
5.5
Supply voltage
[V]
(BCLK: no division)
4 X VCC - 0.8MHZ
2.7
5.5
Vcc
5.0
Vcc
AVcc
V
V
0
0
VIH
I OH (avg)
mA
mA
Vss
AVss
0.8Vcc
V
V
V
V
V
V
V
0.8Vcc
0.5Vcc
Vcc
Vcc
Vcc
0.2Vcc
0.2Vcc
0
0
0
(data input function during memory expansion and microprocessor modes)
0.16Vcc
I OH (peak)
P72 to P77, P80 to P87, P90 to P97, P100 to P107,
-5.0
-10.0
P00 to P07, P10 to P17, P20 to P27, P30 (during single-chip mode)
P00 to P07, P10 to P17, P20 to P27, P30
P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P40 to P47, P50 to P57, P60 to P67, P72 to P77,
P80 to P84, P86, P87, P90 to P97, P100 to P107
P31 to P37, P40 to P47, P50 to P57, P60 to P67,
10.0
5.0
mA
f (XIN)
I OL (peak)
mA
I OL (avg)
f (XcIN)
kHz
50
32.768
V
XIN, RESET, CNVSS, BYTE
P70 to P77, P80 to P87, P90 to P97, P100 to P107,
P31 to P37, P40 to P47, P50 to P57, P60 to P67,
XIN, RESET, CNVSS, BYTE
(data input function during memory expansion and microprocessor modes)
P00 to P07, P10 to P17, P20 to P27, P30 (during single-chip mode)
P00 to P07, P10 to P17, P20 to P27, P30
P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P40 to P47, P50 to P57, P60 to P67, P72 to P77,
P80 to P84, P86, P87, P90 to P97, P100 to P107
P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P40 to P47, P50 to P57, P60 to P67, P70 to P77,
P80 to P84, P86, P87, P90 to P97, P100 to P107
P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P40 to P47, P50 to P57, P60 to P67, P70 to P77,
P80 to P84, P86, P87, P90 to P97, P100 to P107
P70 ,
0.8Vcc
6.5
V
P71
VIL
Mask ROM version,
Flash memory 5V
version (Note 5)
7.33 X Vcc
-14.791
4 X Vcc
-0.8
Vcc=4.2V to 5.5V
Vcc=2.7V to 4.2V
Vcc=4.2V to 5.5V
Vcc=2.7V to 4.2V
0
0
0
0
MHz
MHz
MHz
MHz
16
16
Symbol
Parameter
Unit
Standard
Min
Typ.
Max.
Supply voltage
Analog supply voltage
Supply voltage
Analog supply voltage
HIGH input
voltage
LOW input
voltage
HIGH peak output
current
HIGH average output
current
LOW peak output
current
LOW average
output current
Main clock input
oscillation frequency
Subclock oscillation frequency
With wait
No wait
Mask ROM version,
Flash memory 5V
version (Note 5)
Note 5: Execute case without wait, program / erase of flash memory by VCC=4.2V to 5.5V and f(BCLK)
≤ 6.25 MHz. Execute case
with wait, program / erase of flash memory by VCC=4.2V to 5.5V and f(BCLK)
≤ 12.5 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com