Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 176 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 176 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 172Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 173Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 174Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 175Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 176Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 177Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 178Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 179Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 180Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 274 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Electrical characteristics (Vcc = 5V)
176
VCC = 5V
Table 1.23.6. Electrical characteristics (referenced to VCC = 4.2V to 5.5V, VSS = 0V at Topr = – 20oC
to 85oC / – 40oC to 85oC (Note 2), f(XIN) = 16MHZ unless otherwise specified)
VOH
VOH
VOH
VOL
VOL
VOL
V
V
4.7
V
XOUT
3.0
3.0
V
2.0
0.45V
V
XOUT
2.0
2.0
3.0
IOH = -5mA
IOH = -1mA
IOH = -200µA
IOH = -0.5mA
IOL = 5mA
IOL = 1mA
IOL = 200µA
IOL = 0.5mA
P00 to P07, P10 to P17, P20 to P27,
P00 to P07, P10 to P17, P20 to P27,
P30 to P37, P40 to P47, P50 to P57,
P30 to P37, P40 to P47, P50 to P57,
P60 to P67, P72 to P77, P80 to P84,
P00 to P07, P10 to P17, P20 to P27,
P30 to P37, P40 to P47, P50 to P57,
P60 to P67, P72 to P77, P80 to P84,
HIGHPOWER
LOWPOWER
P86, P87, P90 to P97, P100 to P107
HIGHPOWER
LOWPOWER
P60 to P67, P70 to P77, P80 to P84,
P86, P87, P90 to P97, P100 to P107
P86, P87, P90 to P97, P100 to P107
HIGHPOWER
LOWPOWER
XCOUT
3.0
1.6
V
P00 to P07, P10 to P17, P20 to P27,
P30 to P37, P40 to P47, P50 to P57,
P60 to P67, P70 to P77, P80 to P84,
P86, P87, P90 to P97, P100 to P107
VT+-VT-
0.21.0V
V
XCOUT
0
0
HIGHPOWER
LOWPOWER
Symbol
Parameter
Unit
Standard
Min
Typ.
Max.
HIGH output
voltage
HIGH output
voltage
HIGH output
voltage
HIGH output
voltage
LOW output
voltage
LOW output
voltage
LOW output
voltage
LOW output
voltage
Hysteresis
With no load applied
With no load applied
With no load applied
With no load applied
IIH
I IL
V RAM
Icc
VT+-VT-
0.21.8V
5.0µA
2.0V
mA
RESET
P00 to P07, P10 to P17, P20 to P27,
P30 to P37, P40 to P47, P50 to P57,
P60 to P67, P70 to P77, P80 to P87,
P90 to P97, P100 to P107,
XIN, RESET, CNVss, BYTE
VI = 5V
VI = 0V
-5.0
30.050.0
f(XIN) = 16MHz
P00 to P07, P10 to P17, P20 to P27,
P30 to P37, P40 to P47, P50 to P57,
P60 to P67, P70 to P77, P80 to P87,
P90 to P97, P100 to P107,
XIN, RESET, CNVss, BYTE
f(XCIN) = 32kHz
90.0
µA
RfXIN
RfXCIN
XIN
XCIN
6.0
1.0
RPULLUP
50.0
P00 to P07, P10 to P17, P20 to P27,
P30 to P37, P40 to P47, P50 to P57,
P60 to P67, P72 to P77, P80 to P84,
P86, P87, P90 to P97, P100 to P107
VI = 0V
30.0
167.0
Hysteresis
HIGH input
current
LOW input
current
Pull-up
resistance
Feedback resistance
Feedback resistance
RAM retention voltage
Power supply current
µA
When clock is stopped
In single-chip
mode, the
output pins are
open and other
pins are VSS
Square wave, no division
Square wave
Measuring condition
k
Ω
M
Ω
M
Ω
Mask ROM version
mA
32.5
50.0
f(XIN) = 16MHz
Square wave, no division
Flash memory 5V
version
Mask ROM version
f(XCIN) = 32kHz
Square wave, in RAM
Flash memory 5V
version
CLK0 to CLK4,TA2OUT to TA4OUT,
TB0IN to TB5IN, INT0 to INT5, NMI,
ADTRG, CTS0 to CTS2, SCL, SDA,
HOLD, RDY, TA0IN to TA4IN,
KI0 to KI3, RxD0 to RxD2, SIN3, SIN4
1.0
µA
20.0
4.0
µA
f(XCIN) = 32kHz
Topr = 85
°C
when clock is stopped
Topr = 25
°C
when clock is stopped
When a WAIT instruction
is executed (Note 1)
f(XCIN) = 32kHz
2.2
mA
Square wave, in flash memory
Flash memory 5V
version
90.0
µA
mA
25
f(XIN) = 16MHz
Square wave, Division by 4
Flash memory 5V
version, Program
mA
28
f(XIN) = 16MHz
Square wave, Division by 4
Flash memory 5V
version, Erase
Note 1: With one timer operated using fC32.
Note 2: Specify a product of -40°C to 85°C to use it.
10
(Topr
= 25
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com