Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SFUS-API Datasheet(PDF) 6 Page - ON Semiconductor

Part # AX-SFUS-API
Description  Ultra-Low Power
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SFUS-API Datasheet(HTML) 6 Page - ON Semiconductor

Back Button AX-SFUS-API Datasheet HTML 2Page - ON Semiconductor AX-SFUS-API Datasheet HTML 3Page - ON Semiconductor AX-SFUS-API Datasheet HTML 4Page - ON Semiconductor AX-SFUS-API Datasheet HTML 5Page - ON Semiconductor AX-SFUS-API Datasheet HTML 6Page - ON Semiconductor AX-SFUS-API Datasheet HTML 7Page - ON Semiconductor AX-SFUS-API Datasheet HTML 8Page - ON Semiconductor AX-SFUS-API Datasheet HTML 9Page - ON Semiconductor AX-SFUS-API Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AX−SFUS, AX−SFUS−API
www.onsemi.com
6
DC Characteristics
Table 4. SUPPLIES
Conditions for all current and charge values unless otherwise specified are for the hardware configuration described in the AX−SFUS
Application Note: Sigfox Compliant Reference Design.
Symbol
Description
Condition
Min
Typ
Max
Units
TAMB
Operational ambient temperature
−40
27
85
°C
VDDIO
I/O and voltage regulator supply
voltage AX−SFUS chip only
1.8*
3.0
3.6
V
VDDIO_mod
I/O and voltage regulator supply
voltage AX−SFUS with RF frontend
module as in Figure 5
2.7
3.3
3.6
V
VDDIO_R1
I/O voltage ramp for reset activation;
Note 1
Ramp starts at VDD_IO
≤ 0.1 V
0.1
V/ms
VDDIO_R2
I/O voltage ramp for reset activation;
Note 1
Ramp starts at 0.1 V < VDD_IO < 0.7 V
3.3
V/ms
IDS
Deep sleep mode current; Note 3
AT$P=2
350
nA
ISLP
Sleep mode current; Note 3
AT$P=1
1.6
mA
ISTDBY
Standby mode current
Notes 2, 3
0.5
mA
IRX_CONT
Current consumption continuous
RX; Note 3
AT$TM=3,255
34
mA
QSFX_OOB_24
Charge to send a Sigfox out of band
message, 24 dBm; Note 3
AT$S0
0.25
C
QSFX_BIT_24
Charge to send a bit, 24 dBm;
Note 3
AT$SB=0
0.22
C
QSFX_BITDL_24
Charge to send a bit with downlink
receive, 24 dBm; Note 3
AT$SB=0,1
0.28
C
QSFX_LFR_24
Charge to send the longest possible
Sigfox frame (12 byte) , 24 dBm;
Note 3
AT$SF=00112233445566778899aabb
0.73
C
QSFX_LFRDL_24
Charge to send the longest possible
Sigfox frame (12 byte) with downlink
receive, 24 dBm; Note 3
AT$SF=00112233445566778899aabb,1
0.84
C
ITXMOD24AVG
Modulated Transmitter Current;
Note 3
Pout=24 dBm; average
230
mA
*The device is operational from 1.8 V to 3.6 V. However, a supply voltage below 2.0 V is considered an extreme condition and operation can
lead to reduced output power and increased spurious emission.
1. If VDD_IO ramps cannot be guaranteed, an external reset circuit is recommended, see the AX8052 Application Note: Power On Reset
2. Internal 20 MHz oscillator, voltage conditioning and supervisory circuit running.
3. Includes Front End Module, TCXO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com