Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SFUS-API Datasheet(PDF) 14 Page - ON Semiconductor

Part # AX-SFUS-API
Description  Ultra-Low Power
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SFUS-API Datasheet(HTML) 14 Page - ON Semiconductor

Back Button AX-SFUS-API Datasheet HTML 10Page - ON Semiconductor AX-SFUS-API Datasheet HTML 11Page - ON Semiconductor AX-SFUS-API Datasheet HTML 12Page - ON Semiconductor AX-SFUS-API Datasheet HTML 13Page - ON Semiconductor AX-SFUS-API Datasheet HTML 14Page - ON Semiconductor AX-SFUS-API Datasheet HTML 15Page - ON Semiconductor AX-SFUS-API Datasheet HTML 16Page - ON Semiconductor AX-SFUS-API Datasheet HTML 17Page - ON Semiconductor AX-SFUS-API Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AX−SFUS, AX−SFUS−API
www.onsemi.com
14
Table 10. COMMANDS
Command
Description
Name
AT:ADC Pn[−Pn[ (1V|10V)]]?
Get GPIO Pin Analog Voltage
Measure the voltage applied to a GPIO pin. The command also
allows measurement of the voltage difference across two GPIO pins.
In differential mode, the full scale range may also be specified as 1 V
or 10 V. Note however that the pin input voltages must not exceed
the range 0..VDD_IO. The command returns the result as fraction of
the full scale range (1 V if none is specified). The GPIO pins
referenced should be initialized to analog mode before issuing this
command.
AT:SPI[(A|B|C|D)]=bytes
SPI Transaction
This command clocks out bytes on the SPI port. The clock frequency is
312.5 kHz. The command returns the bytes read on MISO during out-
put. Optionally the clocking mode may be specified (default is A):
Mode
Clock Inversion
Clock Phase
A
normal
normal
B
normal
alternate
C
inverted
normal
D
inverted
alternate
Note that SEL, if needed, is not generated by this command,
and must instead be driven using standard GPIO commands
(AT:Pn=0|1).
AT:CLK=freq,reffreq
Set Clock Generator
Output a square wave on the pin(s) set to T mode. The frequency of
the square wave is (freq / 216)
× reffreq. Possible values for reffreq
are 20000000, 10000000, 5000000, 2500000, 1250000, 625000,
312500, 156250. Possible values if freq are 0
…65535.
AT:CLK=OFF
Turn off Clock Generator
Switch off the clock generator
AT:CLK?
Get Clock Generator
Return the settings of the clock generator. Two numbers are
returned, freq and reffreq.
AT:DAC=value
Set
SD DAC
Output a
SD DAC value on the pin(s) set to T mode. Parameter
value may be in the range −32768
…32767. The average output
voltage is (1/2 + value / 217)
× VDD.
An external low pass filter is needed to get smooth output voltages.
The modulation frequency is 20 MHz. A possible low pass filter
choice is a simple RC low pass filter with R = 10 k
W and C = 1 mF.
AT:DAC=OFF
Turn off
SD DAC
Switch off the DAC
AT:DAC?
Get
SD DAC
Return the DAC value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com