Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SFUS-API Datasheet(PDF) 15 Page - ON Semiconductor

Part # AX-SFUS-API
Description  Ultra-Low Power
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SFUS-API Datasheet(HTML) 15 Page - ON Semiconductor

Back Button AX-SFUS-API Datasheet HTML 11Page - ON Semiconductor AX-SFUS-API Datasheet HTML 12Page - ON Semiconductor AX-SFUS-API Datasheet HTML 13Page - ON Semiconductor AX-SFUS-API Datasheet HTML 14Page - ON Semiconductor AX-SFUS-API Datasheet HTML 15Page - ON Semiconductor AX-SFUS-API Datasheet HTML 16Page - ON Semiconductor AX-SFUS-API Datasheet HTML 17Page - ON Semiconductor AX-SFUS-API Datasheet HTML 18Page - ON Semiconductor AX-SFUS-API Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AX−SFUS, AX−SFUS−API
www.onsemi.com
15
Table 10. COMMANDS
Command
Description
Name
AT$TM=mode,config
Activates the Sigfox Testmode
Available test modes:
0. TX BPSK
Send only BPSK with Synchro Bit + Synchro frame +
PN sequence: No hopping centered on the TX_frequency.
Config bits 0 to 6 define the number of repetitions. Bit 7 of config
defines if a delay is applied of not in the loop
1. TX Protocol:
Tx mode with full protocol with Sigfox key: Send Sigfox protocol
frames with initiate downlink flag = True. Config defines the
number of repetitions.
2. RX Protocol:
This mode tests the complete downlink protocol in Downlink only.
Config defines the number of repetitions.
3. RX GFSK:
RX mode with known pattern with SB + SF + Pattern on
RX_frequency (internal comparison with received frame
⇔ known
pattern = AA AA B2 27 1F 20 41 84 32 68 C5 BA AE 79 E7 F6 DD
9B. Config defines the number of repetitions. Config defines the
number of repetitions.
4. RX Sensitivity:
Does uplink + downlink frame with Sigfox key and specific timings.
This test is specific to SIGFOX’s test equipments & softwares.
5. TX Synthesis:
Does one uplink frame on each Sigfox channel to measure
frequency synthesis step
AT$SE
Starts AT$TM−3,255 indefinitely
Convenience command for sensitivity tests
AT$SL[=frame]
Send local loop
Sends a local loop frame with optional payload of 1 to 12 bytes.
Default payload: 0x84, 0x32, 0x68, 0xC5, 0xBA, 0x53, 0xAE, 0x79,
0xE7, 0xF6, 0xDD, 0x9B.
AT$RL
Receive local loop
Starts listening for a local loop.
Table 11. REGISTERS
Number
Name
Description
Default
Range
Units
300
Out Of Band
Period
AX−SFUS sends periodic static
messages to indicate that they are
alive. Set to 0 to disable.
24
0−24
hours
400
Macrochannel
Mask
The mask of Macrochannels to use.
<000001FF>
<00000000>
<00000000>,1
410
Encryption Key
Configuration
Set to zero for normal operation. Set
to one for use with the SIGFOX
Network Emulator Kit (SNEK)
0
0−1
0: private key
1: public key



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com