Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SFUS-API Datasheet(PDF) 1 Page - ON Semiconductor

Part # AX-SFUS-API
Description  Ultra-Low Power
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SFUS-API Datasheet(HTML) 1 Page - ON Semiconductor

  AX-SFUS-API Datasheet HTML 1Page - ON Semiconductor AX-SFUS-API Datasheet HTML 2Page - ON Semiconductor AX-SFUS-API Datasheet HTML 3Page - ON Semiconductor AX-SFUS-API Datasheet HTML 4Page - ON Semiconductor AX-SFUS-API Datasheet HTML 5Page - ON Semiconductor AX-SFUS-API Datasheet HTML 6Page - ON Semiconductor AX-SFUS-API Datasheet HTML 7Page - ON Semiconductor AX-SFUS-API Datasheet HTML 8Page - ON Semiconductor AX-SFUS-API Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2017
July, 2017 − Rev. 3
1
Publication Order Number:
AX−SFUS/D
AX-SFUS, AX-SFUS-API
Ultra-Low Power,
AT Command / API Controlled,
Sigfox) Compliant
Transceiver IC for Up-Link
and Down-Link
OVERVIEW
Circuit Description
AX−SFUS and AX−SFUS−API are ultra−low power
single chip solutions for a node on the Sigfox network with
both up− and down−link functionality. The AX−SFUS chip
is delivered fully ready for operation and contains all the
necessary firmware to transmit and receive data from the
Sigfox network in the US (SIGFOX RCZ2 region). It
connects to the customer product using a logic level RS232
UART. AT commands are used to send frames and configure
radio parameters.
The AX−SFUS−API variant is intended for customers
wishing to write their own application software based on the
AX−SF−LIB−1−GEVK library.
Features
Functionality and Ecosystem
• Sigfox up−link and down−link functionality controlled
by AT commands or API
• The AX−SFUS and AX−SF−API ICs are part of a
whole development and product ecosystem available
from ON Semiconductor for any Sigfox requirement.
Other parts of the ecosystem include
♦ Ready to go development kit
DVK−SFEU−[API]−1−GEVK including a 2 year
Sigfox subscription
♦ Sigfox Ready® certified reference design for the
AX−SFUS and AX−SFUS−API ICs
General Features
• QFN40 5 mm x 7 mm package
• Supply range 2.7 V* − 3.6 V
• −40°C to 85°C
• Temperature sensor
• Supply voltage measurements
*Includes the RF frontend module, circuit as in Figure 5. The
AX−SFUS chip alone is operational from 1.8 V to 3.6 V, a supply
voltage below 2.0 V is considered an extreme condition.
**Includes the RF frontend module, circuit as in Figure 5.
• 8 GPIO pins
♦ 2 GPIO pins with selectable voltage measure
functionality, differential (1 V or 10 V range) or
single ended (1 V range) with 10 bit resolution
♦ 2 GPIO pins with selectable sigma delta DAC
output functionality
♦ 2 GPIO pins with selectable output clock
♦ 3 GPIO pins selectable as SPI master interface
♦ RX/TX switching Control
Power Consumption**
• Ultra−low Power Consumption:
♦ Charge required to send a Sigfox OOB packet at
24 dBm output power: 0.28 C
♦ Deepsleep mode current: 100 nA
♦ Sleep mode current: 1.3
mA
♦ Standby mode current: 0.5 mA
♦ Continuous radio RX−mode at 905.2 MHz :
34 mA
♦ Continuous radio TX−mode at 902.2 MHz
230 mA @ 24 dBm
High Performance Narrow−band Sigfox RF Transceiver
• Receiver
♦ Carrier frequency 905.2 MHz
♦ Data−rate 600 bps FSK
♦ Sensitivity
−128 dBm @ 600 bps, 905.2 MHz, GFSK
♦ 0 dBm maximum input power
• Transmitter
♦ Carrier frequency 902.2 MHz
♦ Data−rate 600 bps PSK
♦ High efficiency, high linearity integrated power
amplifier
♦ Maximum output power 24 dBm
Applications
Sigfox networks up−link and down−link.
www.onsemi.com


Similar Part No. - AX-SFUS-API

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX-SF10-ANT21-868 ONSEMI-AX-SF10-ANT21-868 Datasheet
715Kb / 15P
Ultra-Low Power, AT Command Controlled, Sigfox Compliant Modules
Revision 2
AX-SF10-ANT21-868 ONSEMI-AX-SF10-ANT21-868 Datasheet
235Kb / 13P
Compliant Modules
April, 2016 ??Rev. 3
AX-SF10-MINI21-868 ONSEMI-AX-SF10-MINI21-868 Datasheet
715Kb / 15P
Ultra-Low Power, AT Command Controlled, Sigfox Compliant Modules
Revision 2
AX-SF10-MINI21-868 ONSEMI-AX-SF10-MINI21-868 Datasheet
235Kb / 13P
Compliant Modules
April, 2016 ??Rev. 3
AX-SFAZ ONSEMI-AX-SFAZ Datasheet
293Kb / 20P
Ultra-Low Power AT Command / API Controlled Sigfox Compliant Transceiver IC
April, 2017 ??Rev. 1
More results

Similar Description - AX-SFUS-API

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE8806A SEMTECH-XE8806A Datasheet
894Kb / 143P
Ultra Low-Power Low-Voltage
logo
Texas Instruments
ADS4122 TI1-ADS4122_16 Datasheet
3Mb / 74P
Ultra Low-Power ADC
ADS7040 TI1-ADS7040_15 Datasheet
1Mb / 42P
Ultra-Low Power, Ultra-Small Size
logo
Laird Tech Smart Techno...
LT1110 LSTD-LT1110 Datasheet
922Kb / 2P
Ultra-low power consumption
logo
STMicroelectronics
STM32L100C6 STMICROELECTRONICS-STM32L100C6 Datasheet
1Mb / 103P
Ultra-low-power platform
28-Apr-2016
STM32L162VC STMICROELECTRONICS-STM32L162VC Datasheet
1Mb / 123P
Ultra-low-power platform
10-Mar-2016
STM32L162XE STMICROELECTRONICS-STM32L162XE Datasheet
1Mb / 129P
Ultra-low-power platform
09-Feb-2016
logo
Renesas Technology Corp
RL78-L1C RENESAS-RL78-L1C Datasheet
1Mb / 153P
Ultra-Low Power Technology
RL78-L12 RENESAS-RL78-L12 Datasheet
1Mb / 136P
Ultra-Low Power Technology
logo
ON Semiconductor
AX8052F100 ONSEMI-AX8052F100_18 Datasheet
224Kb / 22P
Ultra-Low Power Microcontroller
May, 2018 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com