Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9428WSC Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9428WSC
Description  Host-Side Single Cell Lithium Battery Gauge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9428WSC Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9428WSC Datasheet HTML 4Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 5Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 6Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 7Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 8Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 9Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 10Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 11Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
RT9428
8
DS9428-01
October 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
Voltaic Gauge Theory and Performance
The embedded Fuel Gauge calculates and determines the
Li+ battery SOC according to battery voltage only.
The algorithm estimates the increasing or decreasing SOC
by an iteration model according to the difference between
battery voltage and the battery OCV. The dynamic voltaic
information can effectively emulate the Li+ battery behavior
and determines the SOC (%), but can't report capacity (mAh).
The calculation is based on the battery voltage information
and the dynamic difference between battery voltage and
relaxed OCV, by using iteration algorithm to estimate the
increasing or decreasing SOC to calculate SOC.
Comparing to coulomb counter based fuel gauge solution;
voltaic gauge does not accumulate error with time and
current. The coulomb counter based fuel gauge suffers
from SOC drift due to current-sense error and cell self-
discharge. Even there is a very small current sensing error,
the coulomb counter accumulates the error from time to
time. The accumulated error can be eliminated by only
full charged or full discharged. The VoltaicGauge
estimates battery SOC by only voltage information and
will not accumulate error because it does not rely on battery
current information.
Power On
When the IC is powered on by the battery insertion, the
IC measures the battery voltage quickly and predicts the
first SOC according to the voltage. The first SOC would
be accurate if the battery has been well relaxed for over
30 min. Otherwise, the initial SOC error occurs.
However, the initial SOC error will be convergent and the
SOC will be adjusted gradually and finally approach to the
accurate SOC without accumulation error.
Quick Sensing
A Quick Sensing operation allows the RT9428 to restart
sensing and SOC calculation. It has the same behavior
as power on. The operation is used to reduce the initial
SOC error caused by unwell power-on sequence. A Quick
Sensing operation could be performed by either a rising
edge on the QS pin or I2C Quick Sensing command to
the Control register.
Sleep Mode
RT9428 will enter sleep mode if host pulls low both SDA
and SCL to logic-low at least 2.5s. All operation such as
voltage measurement and SOC calculation are halted and
power consumption is reduced under 3
μA in sleep mode.
Any rising edge of SDA or SCL will transfer IC back to
active mode immediately.
The other way to enter sleep mode is write [Sleep] bit in
the Config register to 1 through I
2C communication, and
the only way to exit sleep mode is to write [Sleep] bit to
logic 0 or power on reset the IC.
ALERT Interrupt
The RT9428 monitors the SOC and reports the alert
condition if the SOC change over 1% or if the SOC falls
below the SOCLow which is in the Config (0Dh) register.
When alert condition occurs, the RT9428 outputs logic-
low to the ALERT pin and sets 1 to the [Alert] bit in the
Config register and sets 1 to the corresponding alert flag
in the Status register. The only three ways to recover the
alert condition is writing 0 to clear [Alert] bit or writing 0 to
clear both [SL] and [SC] bit or power on reset. Before the
recovery, the [Alert] bit will keep 1 and the ALERT pin will
keep logic-low. It can’t recover the alert condition by
entering sleep mode.
Please note that the SOC low alert detection function is
enable when power on.
QS pin active high to restart the SOC calculation, and
pull low to GND during normal operation.
Temperature Compensation
To maximize the SOC performance, the host must
measure battery temperature periodically, and
compensate the VGCOMP Voltaic-Gauge parameter at
least once per minute.
Contact Richtek for instructions for temperature
compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com