Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9428WSC Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9428WSC
Description  Host-Side Single Cell Lithium Battery Gauge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9428WSC Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9428WSC Datasheet HTML 6Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 7Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 8Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 9Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 10Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 11Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 12Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 13Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
RT9428
10
DS9428-01
October 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Table 3. MFA Register Commands
Value
Command
Description
5400h
Initialization
Reset the IC
[Sleep]
Writing [Sleep] to logic 1 forces the IC to enter Sleep
mode. Writing [Sleep] to logic 0 forces the IC to exit Sleep
mode. The power on reset value for [Sleep] is logic 0.
[SCEN]
Writing [SCEN] to logic 1 to enable SOC Change Alert.
When SOC Change Alert is enabled, the [SC] flag is set
to 1 if SOC is changed at least 1%. The power on reset
value for [SCEN] is logic 0.
[Alert]
The [Alert] bit is set by the IC when the alert condition
occurs. The [Alert] bit is cleared by either host writing 0
to clear or a reset condition occurs.
The power on reset value for [Alert] is logic 0.
Figure 3. Config Register
Register
Bit
Description
0x0C
7 : 0
VGCOMP
0x0D
7
Sleep
6
SCEN
5
Alert
4 : 0
SOCLow
Device ID
The Device ID register is a read only register that contains
a value indicating the production ID of the RT9428.
dSOC
The dSOC register is a read only registert that reports
the approximately incremetal SOC in unit of 1% per hour.
Config
The Config register includes the parameter of
compensation, setting of sleep mode and SOCLow
threshold. It also indicates the alert status. The format of
Config is shown in Figure 3.
VGCOMP is the setting to optimize IC performance for
different cell chemistries or temperatures. Contact Richtek
for instructions for optimization. The power on reset value
for VGCOMP is 32h.
[SOCLow]
The SOCLow is a 5-bit value for setting the low battery
alert threshold and defined as 2's-complement form. The
programming unit is 1% and range is 32% to 1%. (00000
= 32%, 10001 = 15%, 11100 = 4%, 11111 = 1%). The
power on reset value for SOCLow is 4% or 1Ch.
MFA
The MFA register allows the host processor to send
special commands to the chip for manufacturing. Valid
MFA register write values are listed as follows. All other
MFA register values are reserved. Table 3 shows MFA
register commands.
Status
The Status register reports the alert status of RT9428.
When any alert flag of Status register is set, the [Alert]
flag of Config register will be set.
[SC]
The [SC] flag is set when SOC changes at least 1%. The
[SC] flag is cleared by either host writing 0 to clear or a
reset condition occurs. The power on reset value of [SC]
is logic 0.
[SL]
The [SL] flag is set when SOC is lower than SOC threshold
set by [SOCLow] bits. The [SL] flag is cleared by either
host writing 0 to clear or a reset condition occurs. The
power on reset value of [SL] is logic 0.
[RI]
The [RI] flag is set at POR and could be cleared after
configuration. The power on reset value of [RI] is logic 1.
OCV
The OCV register reports Open Circuit Voltage
corresponding to present SOC in unit of 1.25mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com