Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9428WSC Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9428WSC
Description  Host-Side Single Cell Lithium Battery Gauge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9428WSC Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9428WSC Datasheet HTML 5Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 6Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 7Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 8Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 9Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 10Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 11Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 12Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
RT9428
9
DS9428-01
October 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Table 2. Control Register Commands
Value
Command
Description
4000h
Quick
Sensing
Restart sensing and
SOC calculation
Table 1. I2C Register
VBAT
The VBAT register is a read only register that reports the
measured voltage at VBAT pin. The VBAT is reported in
units of 1.25mV. The first report is made after chip POR
with 250ms delay and then updates 1s periodically. Figure
1 shows the VBAT register format.
SOC
The SOC register is a read only register that returns the
relative state of charge of the cell as calculated by the
voltaic gauge algorithm. The result is displayed as a
percentage of the cell's full capacity. The high byte is
reported in units of %. The low byte is reported in units of
1/256%. Figure 2 shows the SOC register format.
Figure 1. VBAT Register
Figure 2. SOC Register
MSB-Address 04h
MSB
2
7
LSB MSB
LSB
LSB-Address 05h
2
5
2
6
2
4
2
3
2
2
2
1
2
0
2
-1
2
-2
2
-3
2
-4
Unit : 1%
2
-5
2
-6
2
-7
2
-8
Control
The Control register allows the host processor to send
special commands to the IC (Table2). Valid Control register
write values are listed as follows. All other Control register
values are reserved.
Address
(Hex)
Register
Description
Read/
Write
Default
(Hex)
02h-03h
VBAT
It reports voltage measured from the input of VBAT pin.
R
--
04h-05h
SOC
It reports the SOC result calculated by voltaic-gauge algorithm.
R
--
06h-07h
Control
It's the command interface for special function such as Quick
Sensing.
W
--
08h-09h
Device ID
It reports the device ID.
R
--
0Ah
Status
It reports alert status.
R/W
01h
0Bh
dSOC
It reports approximately incremental SOC in unit of 1% per
hour.
R
--
0Ch-0Dh
Config
The Config register includes the parameter of compensation,
setting of sleep mode and SOCLow threshold. It also indicates
the alert status.
R/W
321Ch
0Eh-0Fh
OCV
It reports Open Circuit Voltage corresponding to present SOC in
unit of 1.25mV.
R
--
FEh-FFh
MFA
Manufacturer Access. Sends special commands to the IC for
the manufacturing.
W
--
MSB-Address 02h
MSB
2
11
LSB MSB
LSB
LSB-Address 03h
0
0
0
0
2
9
2
10
2
8
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
0 : Bits Always Read Logic 0
Unit : 1.25mV
Initialization
The RT9428 can be reset by writing an initialization
command to MFA resister. The behavior of initialization is
the same as power on reset.
I2C Register
The RT9428 supports the following 16-bit I2C registers:
VBAT, SOC, Control, Device ID, Config and MFA.
The register writing is valid when all of 16 bits data are
transferred; otherwise, the write data will be ignored. The
valid register addresses are defined in Table 1. Other
remaining addresses are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com