Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9428WSC Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT9428WSC
Description  Host-Side Single Cell Lithium Battery Gauge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9428WSC Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT9428WSC Datasheet HTML 6Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 7Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 8Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 9Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 10Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 11Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 12Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 13Page - Richtek Technology Corporation RT9428WSC Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
RT9428
12
DS9428-01
October 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 8. Derating Curve of Maximum Power Dissipation
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TA is
the ambient temperature, and
θJAis the junction to ambient
thermal resistance.
For recommended operating condition specifications, the
maximum junction temperature is 125
°C. For WL-CSP-
8B 1.6x1.52 (BSC) package, the thermal resistance,
θJA
is 114.4
°C/W on a standard JEDEC 51-7 four-layer thermal
test board. The maximum power dissipation at TA = 25
°C
can be calculated by the following formula :
PD(MAX) = (125
°C − 25°C) / (114.4°C/W) = 0.87W for
WL-CSP-8B 1.6x1.52 (BSC) package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curve in Figure 8 allow the
designer to see the effect of rising ambient temperature
on the maximum power dissipation.
Table4. 2-Wire Protocol
Symbol
Description
Symbol
Description
S
START bit
Sr
Repeated START
SAddr
Slave address (7bit)
R/W
Read : R/W = 1; Write : R/W = 0
CAddr
Command address (byte)
P
STOP bit
Data
Data byte written by master
Data
Data byte returned by slave
A
Acknowledge bit written by master
A
Acknowledge bit returned by slave
N
No acknowledge bit written by master
N
No acknowledge bit returned by slave
0.0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com