Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9458WSC Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9458WSC
Description  Switch-Mode Single Cell Li-Ion Battery Charger
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9458WSC Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9458WSC Datasheet HTML 1Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 2Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 3Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 4Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 5Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 6Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 7Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 8Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
DS9458-02
February 2017
www.richtek.com
RT9458
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Flow Charts
POR Reset
VIN > 2.4V and
VBATS > 2.4V ?
VIN > 3.3V ?
Charge Configure
(I
2
C is Programmable)
Clean I
2
C
Power On
Any State If VIN < 2.4V and
VBATS < 2.4V
Yes
Yes
No
No
Reset Timer
---------------------
T32min mode
Any I
2
C?
32 min?
Any state
VIN ,VBATS < 2.4V
Timer Fault
-----------------------
Disable Charging
Any I
2
C?
Charge Start
TMR_EN = 1?
No
Yes
No
Yes
Yes
No
No
Yes
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com