Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9458WSC Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9458WSC
Description  Switch-Mode Single Cell Li-Ion Battery Charger
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9458WSC Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9458WSC Datasheet HTML 1Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 2Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 3Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 4Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 5Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 6Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 7Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 8Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
RT9458
®
DS9458-02
February 2017
www.richtek.com
1
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Switch-Mode Single Cell Li-Ion Battery Charger
with USB-OTG
General Description
The RT9458 is a switch-mode single cell Li-Ion/Li-Polymer
battery charger for portable applications. It integrates a
synchronous PWM controller, power MOSFETs, input
current sensing, high accuracy voltage regulation and
charge termination circuits. The RT9458 also features USB
On-The-Go (OTG).
The RT9458 optimizes the charging task by using a control
algorithm to vary the charge rate via different modes,
including pre-charge mode, fast charge mode, and constant
voltage mode. The key charge parameters can be
programmed via the I
2C interface. The RT9458 resumes
the charge cycle whenever the battery voltage falls below
an internal threshold and automatically enters sleep mode
when the input power supply is removed.
Other features include under-voltage protection, over-
voltage protection, thermal regulation and reverse leakage
protection.
The RT9458 is available in the small WL-CSP-20B
2.1x1.87 (BSC) package.
Applications
Cellular Telephones
Personal Information Appliances
MP3 Players
Portable Instruments
Simplified Application Circuit
Features
Support Quick Start for Charger
High Accuracy Voltage/Current Regulation
Input Current Regulation : 100mA/500mA/700mA/
1A
Minimum Input Voltage Regulation : 4.1V to 4.7V
Per 0.1V Step
Charge Voltage Regulation Accuracy :
±±±±±1% (0 to
85
°°°°°C)
Charge Current Regulation Accuracy :
±±±±±5%
Built-In Input Current Sensing and Limiting
Integrated Power MOSFETS for up to 1.55A Charge
Rate
Integrated Sensing Resistors for Charging Current
Sensing
Synchronous 1.5MHz Fixed Frequency PWM
Controller with up to 95% Duty Cycle
Reverse Leakage Protection to Prevent Battery
Drainage
Thermal Regulation and Protection
Over-Temperature Protection
Input Over-Voltage Protection
IRQ Output for Communication with I2C
Automatic Charging
RoHS Compliant and Halogen Free
Marking Information
BATS
LX
GND
OTG
RT9458
VIN
To Adaptor/USB
+
ISNSIN
VMID
SCL
SDA
IRQ
Battery
4EW
4E : Product Code
W : Date Code


Similar Part No. - RT9458WSC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
RT9451GQW RICHTEK-RT9451GQW Datasheet
420Kb / 37P
Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
RT9451GQW RICHTEK-RT9451GQW Datasheet
319Kb / 37P
Switch-Mode Single Cell Li-ion Battery Charger
RT9451 RICHTEK-RT9451_17 Datasheet
319Kb / 37P
Switch-Mode Single Cell Li-ion Battery Charger
More results

Similar Description - RT9458WSC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5805 GMT-G5805 Datasheet
74Kb / 1P
Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
logo
Texas Instruments
BQ24160A TI1-BQ24160A_16 Datasheet
2Mb / 52P
Single-Cell Switched-Mode Li-Ion Battery Charger
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451_17 Datasheet
319Kb / 37P
Switch-Mode Single Cell Li-ion Battery Charger
RT9460 RICHTEK-RT9460 Datasheet
359Kb / 33P
Switch-Mode Single Cell Li-Ion Charger
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
Single Cell Li-Ion Switching Battery Charger
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
Linear Single Cell Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com