Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9458WSC Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT9458WSC
Description  Switch-Mode Single Cell Li-Ion Battery Charger
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9458WSC Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT9458WSC Datasheet HTML 17Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 18Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 19Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 20Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 21Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 22Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 23Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 24Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
21
DS9458-02
February 2017
www.richtek.com
RT9458
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Address
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x01
Control2
IAICR[1:0]
TE_SHDN_EN Reserved
TE
IAICR_INT
HZ
OPA_MODE
Reset Value
0
1
0
0
0
0
0
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
IAICR[1:0]
When IAICR_SEL = 0
00 : VIN 100mA current limit, 01 : VIN 500mA current limit,
10 : VIN 1A current limit, 11 : no input current limit (default 01)
When IAICR_SEL = 1
00 : VIN 100mA current limit, 01 : VIN 700mA current limit,
10 : VIN 700mA current limit, 11 : no input current limit (default 01)
TE_SHDN_EN
0 : When EOC is triggered, charge is not shutdown
1 : When EOC is triggered, charge is shutdown
TE
1 : Enable end of charge detection, 0 : Disable end of charge detection (default 0)
IAICR_INT
IAICR setting bit
0 : decided by external OTG pin, 500mA current limit when OTG pin is low and 100mA
current limit when OTG pin is high
1 : decided by internal I2C IAICR[1:0] code
HZ
1 : High impedance mode, 0 : Not high impedance mode (default 0)
OPA_MODE
1 : Boost mode, 0 : Charger mode (default 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com