Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9458WSC Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9458WSC
Description  Switch-Mode Single Cell Li-Ion Battery Charger
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9458WSC Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9458WSC Datasheet HTML 9Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 10Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 11Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 12Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 13Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 14Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 15Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 16Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13
DS9458-02
February 2017
www.richtek.com
RT9458
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Safety Timer in Charge Mode and in OTG Mode
To implement safety mechanism, the RT9458 has two
timer modes : T32min mode with a 32-minute timer for
charger mode and T32sec mode with a 32-second timer
for OTG mode.
In the charger mode, a the beginning of a charging
operation, the RT9458 enters T32min mode and starts a
32-minute timer that can be reset by any read or write
action performed by the host through the I2C interface. If
the 32-minute timer expires, the charging operation is
terminated and shows the fault bit CH32MI.
In the OTG mode, at the beginning of a OTG operation,
the RT9458 enters T32sec mode and starts a 32-second
timer that can be reset by any read or write action
performed by the host through the I
2C interface. If the 32-
second timer expires, the OTG operation will keep going
but shows the fault bit BST32SI.
Input Voltage Protection in Charge Mode
During charge mode, there are two protection mechanisms
against poor input power source.
Sleep Mode (VIN
−−−−− VBATS < VSLP)
The RT9458 enters sleep mode if the voltage drop between
the VIN and BATS pins falls below VSLP. In sleep mode,
the reverse blocking switch and PWM are all turned off.
This function prevents battery drain during poor or no input
power source.
Input Over-Voltage Protection
When VIN voltage rises above the input over-voltage
threshold (VINOVP), the RT9458 stops charging and then
sets fault status bits. The condition is released when VIN
falls below VINOVP
− VINOVP_Hys. The RT9458 then resumes
charging operation.
Boost Mode Operation (OTG)
IN_LIMIT
ICHRG
CHRG
SENSE
I
V
I
= MIN
,
RD






where D is the duty cycle and
η is the efficiency.
Constant Voltage Mode and Settings
The RT9458 enters constant voltage mode when the BATS
voltage is close to the output-charge voltage (VOREG). Once
in this mode, the charge current begins to decrease. For
default settings (charge current termination is disabled),
the RT9458 does not turn off and always regulates the
battery voltage at VOREG. However, once the charge current
termination is enabled, the charger terminates if the charge
current is below termination current (IEOC) in constant
voltage mode. The charge current termination function is
controlled by the I
2C interface in the
“TE” bit via the
register of address 0x01.
After termination, a new charge cycle restarts when one
of the following conditions is detected :
The BATS pin voltage falls below the VOREG
− VRECH
threshold.
VIN Power On Reset (POR).
CHG_EN bit toggle or RST bit is set (via I
2C interface).
Output Charge Voltage (VOREG)
The output-charge voltage is set by the I2C interface in
the CV section (Bit2 to Bit7 bits) via the register of address
0x02. Its range is from 3.5V to 4.45V. The default is 4.2V
(100011).
Termination Current (IEOC)
If the end of charge detection and shutdown control for
EOC are both enable (TE bit =
“1”, TE_SHDN_EN bit =
“1”), the end-of-charge current is determined by both the
change current (ICHRG) and IEOC percentage. IEOC
percentage is set by the I2C interface in the IEOC section
via the register of address 0x05. Its range is from 50mA to
400mA with an step of 50mA.
When input current limit and charge current are both set,
the charge current in fast charge phase is calculated as
below :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com