Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3906 Datasheet(PDF) 1 Page - First Components International

Part # MMBT3906
Description  200mW PNP Bipolar Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

MMBT3906 Datasheet(HTML) 1 Page - First Components International

  MMBT3906 Datasheet HTML 1Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Feature
* Power Dissipation Pcm= 200 mW (Ta=25C)
* Collector Current Icm=0.2A
* Collector-base Voltage
Vbr (cbo)= 40V
* Operating and Storage Junction Temperature Range Tj. Tstg: -55C ~ +150C
* Marking 2A
Max Ratings at Ta=25C Unless Otherwise Specified
Symbol
Test Condition
MIN
MAX
Unit
Vbr(cbo)
Ic=100uA, Ie=0
40
V
Vbr(ceo)
Ic=1mA, Ib=0
40
V
Vbr(ebo)
Ie=100uA, Ic=0
6V
Icbo
Vcb=60V, Ie=0
0.1
uA
Iceo
Vce=40V, Ib=0
0.1
uA
Iebo
Veb=5V, Ic=0
0.1
uA
HFE1
Vce=10V, Ic=1mA
100
300
HFE2
Vce=1V, Ic=50mA
60
Vce(sat)
Ic=50mA, Ib=5mA
0.3
V
Vbe(sat)
Ic=50mA, Ib=5mA
0.95
V
fT
Vce=20V,
Ic=10mA,
f=100MHz
250
MHz
td / tr
Vcc=3.0Vdc,
Vbe=-0.5Vdc
Ic=10mAdc,
Ib1=1.0mAdc
35/35
nS
ts / tf
Vcc=3.0Vdc,
Ic=10mAdcc
Ib1=Ib2=1.0mAdc
200/50
nS
200mW PNP Bipolar Transistors
DC current Gain
Transition Frequency
Delay Time/ Rise Time
Storage Time / Fall Time
Base cut- off current
SOT-23
Description
Mechanical Dimensions
Dimensions in mm
Emitter cut- off current
Parameter
Base-Emitter Saturation Voltage
DC current Gain
Collector-Emitter breakdown Voltage
Collector-base breakdown Voltage
Emitter-base breakdown Voltage
Collector cut- off current
Collector-Emitter Saturation Voltage


Similar Part No. - MMBT3906

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBT3906 PHILIPS-MMBT3906 Datasheet
48Kb / 8P
PNP switching transistor
2000 Apr 11
logo
STMicroelectronics
MMBT3906 STMICROELECTRONICS-MMBT3906 Datasheet
58Kb / 4P
SMALL SIGNAL PNP TRANSISTOR
Jun-2002
logo
Transys Electronics
MMBT3906 TRSYS-MMBT3906 Datasheet
202Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Fairchild Semiconductor
MMBT3906 FAIRCHILD-MMBT3906 Datasheet
49Kb / 6P
PNP General Purpose Amplifier
More results

Similar Description - MMBT3906

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJT4030P ONSEMI-NJT4030P Datasheet
70Kb / 6P
Bipolar Power Transistors PNP Silicon
December, 2006 ??Rev. P2
MMJT350T1 ONSEMI-MMJT350T1_06 Datasheet
63Kb / 4P
Bipolar Power Transistors PNP Silicon
January, 2006 ??Rev. 2
MMJT9435 ONSEMI-MMJT9435 Datasheet
89Kb / 6P
Bipolar Power Transistors PNP Silicon
September, 2004 ??Rev. 5
logo
Rectron Semiconductor
2SB709A RECTRON-2SB709A Datasheet
343Kb / 5P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BC856B RECTRON-BC856B Datasheet
456Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BC857B RECTRON-BC857B Datasheet
590Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2N4403 RECTRON-2N4403 Datasheet
1,017Kb / 6P
TO-92 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
logo
First Components Intern...
MMBT3904 FCI-MMBT3904 Datasheet
84Kb / 1P
200mW NPN Bipolar Transistors
logo
Micro Commercial Compon...
BC856BS MCC-BC856BS Datasheet
301Kb / 3P
PNP Plastic-Encapsulate Transistors 200mW
BC856S MCC-BC856S Datasheet
468Kb / 3P
PNP Plastic-Encapsulate Transistors 200mW
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com