Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL494AP Datasheet(PDF) 2 Page - First Components International

Part # TL494AP
Description  Switchmode Pulse - Width - Modulation Control Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

TL494AP Datasheet(HTML) 2 Page - First Components International

  TL494AP Datasheet HTML 1Page - First Components International TL494AP Datasheet HTML 2Page - First Components International TL494AP Datasheet HTML 3Page - First Components International TL494AP Datasheet HTML 4Page - First Components International TL494AP Datasheet HTML 5Page - First Components International TL494AP Datasheet HTML 6Page - First Components International TL494AP Datasheet HTML 7Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MAXIMUM AND RECOMMENDED OPERATING CONDITIONS
Recommended
operating conditions
Maximum ratings
Symbol
Parameter
Min
Max
Min
Max
Unit
VCC
Supply Voltage
7
40
41
V
VI
Amplifier Input Voltage
-0.3
VCC-2
VCC+0.3
V
VО
Collector Output Voltage
40
41
V
IОС
Collector Output Current
(Each Transistor)
200
250
mА
T
Storage Temperature Range
-55
125
°C
T
Operating Free-Air Temperature Range
-20
85
°C
TL494AP Switchmode Pulse - Width - Modulation Control Circuit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com